Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6373GW Datasheet(PDF) 4 Page - Rohm

Part # BD6373GW
Description  6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6373GW Datasheet(HTML) 4 Page - Rohm

  BD6373GW Datasheet HTML 1Page - Rohm BD6373GW Datasheet HTML 2Page - Rohm BD6373GW Datasheet HTML 3Page - Rohm BD6373GW Datasheet HTML 4Page - Rohm BD6373GW Datasheet HTML 5Page - Rohm BD6373GW Datasheet HTML 6Page - Rohm BD6373GW Datasheet HTML 7Page - Rohm BD6373GW Datasheet HTML 8Page - Rohm BD6373GW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BD6373GW, BD6873KN, BD6753KV
Technical Note
4/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristic Diagrams
0
50
100
150
200
250
0
50
100
150
200
250
VLIM voltage : VLIM [mV]
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0 2.0
3.0
4.0
5.0 6.0
7.0
Supply voltage : VM [V]
0.0
1.0
2.0
3.0
4.0
5.0
0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0
Supply voltage : VM [V]
0.0
1.0
2.0
3.0
4.0
5.0
13.0
14.0
15.0
16.0
17.0
18.0
Supply voltage : VG [V]
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0 2.0
3.0
4.0
5.0 6.0
7.0
Supply voltage : VM [V]
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0 2.0
3.0
4.0
5.0 6.0
7.0
Supply voltage : VCC [V]
0
250
500
750
1000
1250
0
25
50
75
100
125
150
Ambient temperature : Ta [°C]
0
250
500
750
1000
1250
0
25
50
75
100
125
150
Ambient temperature : Ta [°C]
0
250
500
750
1000
1250
0
25
50
75
100
125
150
Ambient temperature : Ta [°C]
Fig.1 Power Dissipation Reduction
BD6373GW
940mW
489mW
85°C
Fig.2 Power Dissipation Reduction
BD6873KN
950mW
494mW
85°C
Fig.3 Power Dissipation Reduction
BD6753KV
1125mW
675mW
75°C
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0 2.0
3.0
4.0
5.0 6.0
7.0
Supply voltage : VCC [V]
Fig.5 Circuit current
BD6873KN
Op. range
(2.5V to 5.5V)
Top 85°C
Mid 25°C
Low -25°C
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0 2.0
3.0
4.0
5.0 6.0
7.0
Supply voltage : VCC [V]
Fig.4 Circuit current
BD6373GW
Op. range
(2.5V to 5.5V)
Top 85°C
Mid 25°C
Low -25°C
Fig.6 Circuit current
BD6753KV
Op. range
(2.7V to 5.5V)
Top 75°C
Mid 25°C
Low -25°C
Fig.8 Output ON-Resistance
(Full-ON Drive block)
BD6873KN
Op. range
(2.5V to 5.5V)
Top 85°C
Mid 25°C
Low -25°C
Fig.9 Output ON-Resistance
(Linear Constant-Current Drive
BD6873KN
Op. range
(2.5V to 5.5V)
Top 85°C
Mid 25°C
Low -25°C
Fig.7 Output ON-Resistance
(Full-ON Drive block)
BD6373GW
Op. range
(2.5V to 5.5V)
Top 85°C
Mid 25°C
Low -25°C
Fig.10 Output ON-Resistance
(VM=10.5V)
BD6753KV
Top 75°C
Mid 25°C
Low -25°C
Fig.11 Output limit voltage
(RNF=0.5Ω)
BD6873KN
Top 85°C
Mid 25°C
Low -25°C


Similar Part No. - BD6373GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6373GW ROHM-BD6373GW Datasheet
1Mb / 16P
   6-Channel System Lens Driver
BD6373GW-E2 ROHM-BD6373GW-E2 Datasheet
1Mb / 16P
   6-Channel System Lens Driver
BD6373GW ROHM-BD6373GW_15 Datasheet
1Mb / 16P
   6-Channel System Lens Driver
More results

Similar Description - BD6373GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com