Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGV50H120T3G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGV50H120T3G
Description  Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGV50H120T3G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGV50H120T3G Datasheet HTML 1Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 2Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 3Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 4Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 5Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 6Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 7Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 8Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APTGV50H120T3G
www.microsemi.com
4-9
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
3450
Coes
Output Capacitance
330
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
220
pF
Qg
Total gate Charge
330
Qge
Gate – Emitter Charge
35
Qgc
Gate – Collector Charge
VGS = 15V
VBus = 600V
IC = 50A
200
nC
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
320
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 600V
IC = 50A
RG = 5 Ω
30
ns
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
360
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 50A
RG = 5 Ω
40
ns
Eon
Turn-on Switching Energy
Tj = 125°C
6.9
Eoff
Turn-off Switching Energy
VGE = ±15V
VBus = 600V
IC = 50A
RG = 5 Ω
Tj = 125°C
3.05
mJ
RthJC
Junction to Case Thermal resistance
0.4
°C/W
2.2 Bottom diode characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
30
A
IF = 30A
2
2.5
IF = 60A
2.3
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.8
V
Tj = 25°C
370
trr
Reverse Recovery Time
Tj = 125°C
500
ns
Tj = 25°C
660
Qrr
Reverse Recovery Charge
IF = 30A
VR = 800V
di/dt =200A/µs
Tj = 125°C
3450
nC
RthJC
Junction to Case Thermal resistance
1.2
°C/W
3. Temperature sensor
NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGV50H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV50H120BTPG MICROSEMI-APTGV50H120BTPG Datasheet
431Kb / 13P
   Boost chopper full bridge NPT & Trench Field Stop IGBT Power module
More results

Similar Description - APTGV50H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV75H60T3G MICROSEMI-APTGV75H60T3G Datasheet
377Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV50H60T3G MICROSEMI-APTGV50H60T3G Datasheet
375Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTCV50H60T3G MICROSEMI-APTCV50H60T3G Datasheet
354Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV30H60T3G MICROSEMI-APTGV30H60T3G Datasheet
374Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV15H120T3G MICROSEMI-APTGV15H120T3G Datasheet
372Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV25H120T3G MICROSEMI-APTGV25H120T3G Datasheet
370Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV100H60T3G MICROSEMI-APTGV100H60T3G Datasheet
378Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTCV40H60CT1G MICROSEMI-APTCV40H60CT1G Datasheet
241Kb / 10P
   Full - Bridge CoolMOS & Trench Field Stop짰 IGBT Power module
APTGV50H120BTPG MICROSEMI-APTGV50H120BTPG Datasheet
431Kb / 13P
   Boost chopper full bridge NPT & Trench Field Stop IGBT Power module
APTGV25H120BG MICROSEMI-APTGV25H120BG Datasheet
452Kb / 14P
   Boost chopper Full - Bridge NPT & Trench Field Stop IGBT Power module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com