Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGV25H120T3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGV25H120T3G
Description  Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGV25H120T3G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGV25H120T3G Datasheet HTML 1Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 2Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 3Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 4Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 5Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 6Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 7Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 8Page - Microsemi Corporation APTGV25H120T3G Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APTGV25H120T3G
www.microsemi.com
1-9
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Q3
11
10
Q1
CR1
7
22
13 14
CR3
3
30
29
32
18
19
23
8
15
31
R1
16
4
CR4
CR2
Q2
Q4
26
27
Top switches : Trench + Field Stop IGBT®
Bottom switches : FAST NPT IGBT®
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
13/14 ; 15/16 ; 26/27 ; 31/32
Trench & Field Stop® IGBT Q1, Q3:
VCES = 1200V ; IC = 25A @ Tc = 80°C
Fast NPT IGBT Q2, Q4:
VCES = 1200V ; IC = 25A @ Tc = 80°C
Application
• Solar converter
Features
• Q2, Q4 (FAST Non Punch Through (NPT) IGBT)
- Switching frequency up to 50 kHz
- RBSOA & SCSOA rated
- Low tail current
• Q1, Q3 (Trench & Field Stop IGBT®)
- Low voltage drop
- Switching frequency up to 20 kHz
- RBSOA & SCSOA rated
- Low tail current
• Kelvin emitter for easy drive
• Very low stray inductance
• High level of integration
• Internal thermistor for temperature monitoring
Benefits
• Optimized conduction & switching losses
• Direct mounting to heatsink (isolated package)
• Low junction to case thermal resistance
• Solderable terminals both for power and signal
for easy PCB mounting
• Low profile
• Easy paralleling due to positive TC of VCEsat
• RoHS Compliant
Full - Bridge
NPT & Trench + Field Stop® IGBT
Power module


Similar Part No. - APTGV25H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV25H120BG MICROSEMI-APTGV25H120BG Datasheet
452Kb / 14P
   Boost chopper Full - Bridge NPT & Trench Field Stop IGBT Power module
More results

Similar Description - APTGV25H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV50H120T3G MICROSEMI-APTGV50H120T3G Datasheet
372Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV75H60T3G MICROSEMI-APTGV75H60T3G Datasheet
377Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV50H60T3G MICROSEMI-APTGV50H60T3G Datasheet
375Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTCV50H60T3G MICROSEMI-APTCV50H60T3G Datasheet
354Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV30H60T3G MICROSEMI-APTGV30H60T3G Datasheet
374Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV15H120T3G MICROSEMI-APTGV15H120T3G Datasheet
372Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV100H60T3G MICROSEMI-APTGV100H60T3G Datasheet
378Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTCV40H60CT1G MICROSEMI-APTCV40H60CT1G Datasheet
241Kb / 10P
   Full - Bridge CoolMOS & Trench Field Stop짰 IGBT Power module
APTGV50H120BTPG MICROSEMI-APTGV50H120BTPG Datasheet
431Kb / 13P
   Boost chopper full bridge NPT & Trench Field Stop IGBT Power module
APTGV25H120BG MICROSEMI-APTGV25H120BG Datasheet
452Kb / 14P
   Boost chopper Full - Bridge NPT & Trench Field Stop IGBT Power module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com