Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT400DA60D3G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGT400DA60D3G
Description  Boost chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT400DA60D3G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGT400DA60D3G Datasheet HTML 1Page - Microsemi Corporation APTGT400DA60D3G Datasheet HTML 2Page - Microsemi Corporation APTGT400DA60D3G Datasheet HTML 3Page - Microsemi Corporation APTGT400DA60D3G Datasheet HTML 4Page - Microsemi Corporation APTGT400DA60D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGT400DA60D3G
www.microsemi.com
3- 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.12
RthJC
Junction to Case Thermal Resistance
Diode
0.20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
For terminals
M6
3
5
Torque Mounting torque
To Heatsink
M6
3
5
N.m
Wt
Package Weight
350
g
D3 Package outline (dimensions in mm)
A
DÉTAIL A


Similar Part No. - APTGT400DA60D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT400DA60D3G MICROSEMI-APTGT400DA60D3G Datasheet
224Kb / 5P
   Boost chopper Trench Field Stop IGBT3 Power Module
APTGT400DA60D3G MICROSEMI-APTGT400DA60D3G_11 Datasheet
224Kb / 5P
   Boost chopper Trench Field Stop IGBT3 Power Module
More results

Similar Description - APTGT400DA60D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50DA170TG MICROSEMI-APTGT50DA170TG Datasheet
258Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT450DA60G MICROSEMI-APTGT450DA60G Datasheet
244Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DA170 ADPOW-APTGT150DA170 Datasheet
269Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DA60TG MICROSEMI-APTGT100DA60TG Datasheet
257Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT150DA120D1G MICROSEMI-APTGT150DA120D1G Datasheet
185Kb / 4P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT400DA120D3G MICROSEMI-APTGT400DA120D3G Datasheet
218Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT300DA60D3G MICROSEMI-APTGT300DA60D3G Datasheet
214Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT600DA60G MICROSEMI-APTGT600DA60G Datasheet
245Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT200DA170D3G MICROSEMI-APTGT200DA170D3G Datasheet
218Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT150DA170G MICROSEMI-APTGT150DA170G Datasheet
245Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com