Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT50H60T1G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGT50H60T1G
Description  Full - Bridge Trench Field Stop IGBT짰 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT50H60T1G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGT50H60T1G Datasheet HTML 1Page - Microsemi Corporation APTGT50H60T1G Datasheet HTML 2Page - Microsemi Corporation APTGT50H60T1G Datasheet HTML 3Page - Microsemi Corporation APTGT50H60T1G Datasheet HTML 4Page - Microsemi Corporation APTGT50H60T1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGT50H60T1G
www.microsemi.com
3 – 5
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.85
RthJC
Junction to Case Thermal Resistance
Diode
1.42
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
80
g
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGT50H60T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50H60T3 ADPOW-APTGT50H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50H60T3G MICROSEMI-APTGT50H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50H60T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT20H60T1G MICROSEMI-APTGT20H60T1G Datasheet
279Kb / 5P
   Full bridge Trench Field Stop IGBT짰 Power Module
APTGT30H60T1G MICROSEMI-APTGT30H60T1G Datasheet
281Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
APTGT75H60T1G MICROSEMI-APTGT75H60T1G Datasheet
282Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
APTGT25H120T1G MICROSEMI-APTGT25H120T1G Datasheet
282Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT짰 Power Module
APTGT75X60T3G MICROSEMI-APTGT75X60T3G Datasheet
277Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT35X120T3G MICROSEMI-APTGT35X120T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT25X120T3G MICROSEMI-APTGT25X120T3G Datasheet
278Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT30X60T3G MICROSEMI-APTGT30X60T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT50X60T3G MICROSEMI-APTGT50X60T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT20X60T3G MICROSEMI-APTGT20X60T3G Datasheet
275Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com