Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6216FM Datasheet(PDF) 7 Page - Rohm

Part # BD6216FM
Description  H-bridge drivers (7V max.)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6216FM Datasheet(HTML) 7 Page - Rohm

Back Button BD6216FM Datasheet HTML 3Page - Rohm BD6216FM Datasheet HTML 4Page - Rohm BD6216FM Datasheet HTML 5Page - Rohm BD6216FM Datasheet HTML 6Page - Rohm BD6216FM Datasheet HTML 7Page - Rohm BD6216FM Datasheet HTML 8Page - Rohm BD6216FM Datasheet HTML 9Page - Rohm BD6216FM Datasheet HTML 10Page - Rohm BD6216FM Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Technical Note
7/16
BD6210, BD6211, BD6212, BD6215, BD6216, BD6217
www.rohm.com
2009.08 - Rev.C
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration - Continued
BD6216FM
Fig.33 BD6216FM
Fig.34 HSOP-M28
Table 5 BD6216FM
Pin
Name
Function
1
OUT1A
Driver output
3
RNFA
Power stage ground
6
OUT2A
Driver output
8
GND
Small signal ground
9
VREFA
Duty setting pin
10
RINA
Control input (reverse)
11
FINA
Control input (forward)
12
VCC
Power supply
14
VCC
Power supply
15
OUT1B
Driver output
17
RNFB
Power stage ground
20
OUT2B
Driver output
22
GND
Small signal ground
23
VREFB
Duty setting pin
24
RINB
Control input (reverse)
25
FINB
Control input (forward)
26
VCC
Power supply
28
VCC
Power supply
FIN
GND
Ground
Note: All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
OUT1A
NC
GND
RNFA
NC
NC
OUT2A
NC
GND
VREFA
RINA
FINA
VCC
NC
VCC
VCC
NC
GND
VCC
FINB
RINB
VREFB
GND
NC
OUT2B
NC
NC
RNFB
NC
OUT1B
26
28
11
10
CTRL
PROTECT
FINA
RINA
VCC
VCC
3
RNFA
9
VREFA
DUTY
1
OUT1A
6
OUT2A
22
GND
12
14
25
24
CTRL
PROTECT
FINB
RINB
VCC
VCC
17 RNFB
23
VREFB
DUTY
15 OUT1B
20 OUT2B
8
GND
FIN
GND


Similar Part No. - BD6216FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6210F ROHM-BD6210F Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD6210F-E2 ROHM-BD6210F-E2 Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD6210F-E2 ROHM-BD6210F-E2 Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6210HFP ROHM-BD6210HFP Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
More results

Similar Description - BD6216FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com