Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6227 Datasheet(PDF) 11 Page - Rohm

Part # BD6227
Description  H-bridge drivers (18V max.)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6227 Datasheet(HTML) 11 Page - Rohm

Back Button BD6227 Datasheet HTML 7Page - Rohm BD6227 Datasheet HTML 8Page - Rohm BD6227 Datasheet HTML 9Page - Rohm BD6227 Datasheet HTML 10Page - Rohm BD6227 Datasheet HTML 11Page - Rohm BD6227 Datasheet HTML 12Page - Rohm BD6227 Datasheet HTML 13Page - Rohm BD6227 Datasheet HTML 14Page - Rohm BD6227 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
BD6220, BD6221, BD6222, BD6225, BD6226, BD6227
www.rohm.com
2009.08 - Rev.C
c
2009 ROHM Co., Ltd. All rights reserved.
i) j) VREF control mode
The built-in VREF-switching on duty conversion circuit provides switching duty corresponding to the voltage of the
VREF pin and the VCC voltage. The function offers the same level of control as the high voltage output setting
function in previous models. The on duty is shown by the following equation.
DUTY ≈ VREF [V] / VCC [V]
For example, if VCC voltage is 12V and VREF pin voltage is 9V, the switching on duty is about 75 percent. However,
please note that the switching on duty might be limited by the range of VREF pin voltage (Refer to the operating
conditions, shown on page 2). The PWM carrier frequency in this mode is 25kHz (nominal), and the switching
operation is the same as it is the PWM control modes. When operating in this mode, do not input the PWM signal to
the FIN and RIN pins. In addition, establish a current path for the recovery current from the motor, by connecting a
bypass capacitor (10µF or more is recommended) between VCC and ground.
Fig.42 VREF control operation (timing chart)
2) Cross-conduction protection circuit
In the full bridge output stage, when the upper and lower transistors are turned on at the same time, and this condition
exists during the period of transition from high to low, or low to high, a rush current flows from the power supply to
ground, resulting in a loss. This circuit protects against the rush current by providing a dead time (about 400ns,
nominal) at the transition.
3) Output protection circuits
a) Under voltage lock out (UVLO) circuit
To secure the lowest power supply voltage necessary to operate the controller, and to prevent under voltage
malfunctions, a UVLO circuit has been built into this driver. When the power supply voltage falls to 5.0V (nominal) or
below, the controller forces all driver outputs to high impedance. When the voltage rises to 5.5V (nominal) or above,
the UVLO circuit ends the lockout operation and returns the chip to normal operation.
b) Over voltage protection (OVP) circuit
When the power supply voltage exceeds 30V (nominal), the controller forces all driver outputs to high impedance.
The OVP circuit is released and its operation ends when the voltage drops back to 25V (nominal) or below. This
protection circuit does not work in the stand-by mode. Also, note that this circuit is supplementary, and thus if it is
asserted, the absolute maximum rating will have been exceeded. Therefore, do not continue to use the IC after this
circuit is activated, and do not operate the IC in an environment where activation of the circuit is assumed.
VCC
VREF
FIN
RIN
OUT1
OUT2
0


Similar Part No. - BD6227

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220 ROHM-BD6220 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220F ROHM-BD6220F Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
More results

Similar Description - BD6227

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
   H-bridge drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
logo
Asahi Kasei Microsystem...
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com