Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6226 Datasheet(PDF) 2 Page - Rohm

Part # BD6226
Description  H-bridge drivers (18V max.)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6226 Datasheet(HTML) 2 Page - Rohm

  BD6226 Datasheet HTML 1Page - Rohm BD6226 Datasheet HTML 2Page - Rohm BD6226 Datasheet HTML 3Page - Rohm BD6226 Datasheet HTML 4Page - Rohm BD6226 Datasheet HTML 5Page - Rohm BD6226 Datasheet HTML 6Page - Rohm BD6226 Datasheet HTML 7Page - Rohm BD6226 Datasheet HTML 8Page - Rohm BD6226 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BD6220, BD6221, BD6222, BD6225, BD6226, BD6227
www.rohm.com
2009.08 - Rev.C
c
2009 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings (Ta=25°C, All voltages are with respect to ground)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
18
V
Output current
IOMAX
0.5 *
1 / 1.0 *2 / 2.0 *3
A
All other input pins
VIN
-0.3 ~ VCC
V
Operating temperature
TOPR
-40 ~ +85
°C
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
Pd
0.687 *
4 / 1.4 *5 / 1.45 *6 / 2.2 *7
W
Junction temperature
Tjmax
150
°C
*1 BD6220 / BD6225. Do not, exceed Pd or ASO.
*2 BD6221 / BD6226. Do not, exceed Pd or ASO.
*3 BD6222 / BD6227. Do not, exceed Pd or ASO.
*4 SOP8 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 5.5mW/°C above 25°C.
*5 HRP7 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 11.2mW/°C above 25°C.
*6 HSOP25 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 11.6mW/°C above 25°C.
*7 HSOP-M28 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 17.6mW/°C above 25°C.
Operating conditions (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
6 ~ 15
V
VREF voltage
VREF
3 ~ 15
V
Electrical characteristics (Unless otherwise specified, Ta=25°C and VCC=VREF=12V)
Parameter
Symbol
Limits
Limits
Conditions
Min.
Min.
Min.
Supply current (1ch)
ICC
0.8
1.3
2.5
mA
Forward / Reverse / Brake
Supply current (2ch)
ICC
1.3
2.0
3.5
mA
Forward / Reverse / Brake
Stand-by current
ISTBY
-
0
10
µA
Stand-by
Input high voltage
VIH
2.0
-
-
V
Input low voltage
VIL
-
-
0.8
V
Input bias current
IIH
30
50
100
µA
VIN=5.0V
Output ON resistance *
1
RON
1.0
1.5
2.5
IO=0.25A, vertically total
Output ON resistance *
2
RON
1.0
1.5
2.5
IO=0.5A, vertically total
Output ON resistance *
3
RON
0.5
1.0
1.5
IO=1.0A, vertically total
VREF bias current
IVREF
-10
0
10
µA
VREF=VCC
Carrier frequency
FPWM
20
25
35
kHz
VREF=9V
Input frequency range
FMAX
20
-
100
kHz
FIN / RIN
*1 BD6220 / BD6225
*2 BD6221 / BD6226
*3 BD6222 / BD6227


Similar Part No. - BD6226

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6226 ROHM-BD6226 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6226FM ROHM-BD6226FM Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6226FP ROHM-BD6226FP Datasheet
251Kb / 3P
   H-bridge driver for DC brush motor
BD6226FP ROHM-BD6226FP Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6226FP ROHM-BD6226FP Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
More results

Similar Description - BD6226

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
   H-bridge drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
logo
Asahi Kasei Microsystem...
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com