Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6212 Datasheet(PDF) 9 Page - Rohm

Part # BD6212
Description  H-bridge drivers (7V max.)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6212 Datasheet(HTML) 9 Page - Rohm

Back Button BD6212 Datasheet HTML 5Page - Rohm BD6212 Datasheet HTML 6Page - Rohm BD6212 Datasheet HTML 7Page - Rohm BD6212 Datasheet HTML 8Page - Rohm BD6212 Datasheet HTML 9Page - Rohm BD6212 Datasheet HTML 10Page - Rohm BD6212 Datasheet HTML 11Page - Rohm BD6212 Datasheet HTML 12Page - Rohm BD6212 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical Note
9/16
BD6210, BD6211, BD6212, BD6215, BD6216, BD6217
www.rohm.com
2009.08 - Rev.C
c
2009 ROHM Co., Ltd. All rights reserved.
Functional descriptions
1) Operation modes
a) Stand-by mode
Stand-by operates independently of the VREF pin voltage. In stand-by mode, all internal circuits are turned off,
including the output power transistors. Motor output goes to high impedance. If the motor is running at the switch to
stand-by mode, the system enters an idling state because of the body diodes. However, when the system switches
to stand-by from any other mode (except the brake mode), the control logic remains in the high state for at least
50µs before shutting down all circuits.
b) Forward mode
This operating mode is defined as the forward rotation of the motor when the OUT1 pin is high and OUT2 pin is low.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT1 to OUT2. For
operation in this mode, connect the VREF pin with VCC pin.
c) Reverse mode
This operating mode is defined as the reverse rotation of the motor when the OUT1 pin is low and OUT2 pin is high.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT2 to OUT1. For
operation in this mode, connect the VREF pin with VCC pin.
d) Brake mode
This operating mode is used to quickly stop the motor (short circuit brake). It differs from the stand-by mode
because the internal control circuit is operating in the brake mode. Please switch to the stand-by mode (rather than
the brake mode) to save power and reduce consumption.
a) Stand-by mode
b) Forward mode
c) Reverse mode
d) Brake mode
Fig.37 Four basic operations (output stage)
Table 7 Logic table
FIN
RIN
VREF
OUT1
OUT2
Operation
a
L
L
X
Hi-Z*
Hi-Z*
Stand-by (idling)
b
H
L
VCC
H
L
Forward (OUT1 > OUT2)
c
L
H
VCC
L
H
Reverse (OUT1 < OUT2)
d
H
H
X
L
L
Brake (stop)
e
PWM
L
VCC
H
PWM
__________
Forward (PWM control mode A)
f
L
PWM
VCC
PWM
__________
H
Reverse (PWM control mode A)
g
H
PWM
VCC
PWM
__________
L
Forward (PWM control mode B)
h
PWM
H
VCC
L
PWM
__________
Reverse (PWM control mode B)
i
H
L
Option
H
PWM
__________
Forward (VREF control)
j
L
H
Option
PWM
__________
H
Reverse (VREF control)
* Hi-Z is the off state of all output transistors. Please note that this is the state of the connected diodes, which differs from that of the mechanical relay.
X : Don’t care
M
ON
OFF
OFF
ON
M
OFF
ON
ON
OFF
M
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
M


Similar Part No. - BD6212

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6212 ROHM-BD6212 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 9P
   36V 1 Channel (1A/2A/3A) DC Brushed Motor Driver
Rev.001 May 2022
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
BD62120AEFJ-E2 ROHM-BD62120AEFJ-E2 Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
BD62120AEFJ-EVK-101 ROHM-BD62120AEFJ-EVK-101 Datasheet
1Mb / 9P
   36V 1 Channel (1A/2A/3A) DC Brushed Motor Driver
Rev.001 May 2022
More results

Similar Description - BD6212

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com