Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4155FV Datasheet(PDF) 9 Page - Rohm

Part # BD4155FV
Description  Power Switch IC for ExpressCardTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4155FV Datasheet(HTML) 9 Page - Rohm

Back Button BD4155FV Datasheet HTML 5Page - Rohm BD4155FV Datasheet HTML 6Page - Rohm BD4155FV Datasheet HTML 7Page - Rohm BD4155FV Datasheet HTML 8Page - Rohm BD4155FV Datasheet HTML 9Page - Rohm BD4155FV Datasheet HTML 10Page - Rohm BD4155FV Datasheet HTML 11Page - Rohm BD4155FV Datasheet HTML 12Page - Rohm BD4155FV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BD4155FV
Technical Note
9/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Timing Chart
Power ON/OFF Status of ExpressCard
TM
System Status
ExpressCard
TM Module
Status
Power Switch Status
Primary
Auxiliary
Primary
(+3.3V and +1.5V)
Auxiliary
(3.3V Aux)
OFF
OFF
Don’t care
OFF
OFF
ON
ON
De-asserted
OFF
OFF
Asserted
ON
ON
ON
ON
De-asserted
OFF
OFF
Asserted Before This
OFF
ON
Asserted After This
OFF
OFF
ExpressCard
TM States Transition Diagram
System Status
Card Status
Stand-by Status
:SYSR=L
Card Asserted Status
:CP#=L
ON Status
:SYSR=H
Card De-asserted Status
:CP#=H
From ON to Stand-by Status
:SYSR=H→L
From De-asserted to Asserted Status
:CP#=H→L
From Stand-by to ON Status
:SYSR=L→H
From Asserted to De-asserted Status
:CP#=L→H
V3AUX=OFF
V15=V3=OFF
CP#=H⇔L
SYSR=L→H
CP#=L→H
SYSR=H→L
SYSR=H⇔L
CP#=H
SYSR=L
CP#=L
SYSR=L
CP#=H
SYSR=H
CP#=L
SYSR=H
CP#=L
SYSR=L→H
CP#=H→L
SYSR=H
CP#=L
SYSR=H→L
CP#=L
SYSR=L
CP#=L→H
V3AUX=ON
V15=V3=ON
V3AUX=ON
V15=V3=OFF


Similar Part No. - BD4155FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
More results

Similar Description - BD4155FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com