Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

571-4138 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 571-4138
Description  Insulated solder terminal, Pin type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

571-4138 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  571-4138 Datasheet HTML 1Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Monday, 20 January 2003 Page 1 of 1
571-4138 Insulated solder terminal, Pin type
Recommended mounting hole .203 (5,16)
How to order code
571-4138-XX-YY-19
Basic Part No (XX = Panel thickness, YY = plating finish. See tables for options)
Basic Part No.
OA (ref)
L
Panel Thickness (XX)
571-4138
-01
.750 (19,05)
.100 (2,54)
.031 (0,79) to .062 (1,59)
Component
Material
Finish (YY)
-01
-05
Terminal
Brass
Silver
Electro Solder
Insulator
Teflon - white
Additional Specifications
Flashover VRMS at Sea Level
3000
Capacitance (pF)
0.5
Teflon is a registered trademark of Dupont


Similar Part No. - 571-4138

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
571-4132 CAMBION-571-4132 Datasheet
30Kb / 1P
   Insulated solder terminal, Slotted, Thru hole
571-4133 CAMBION-571-4133 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4134 CAMBION-571-4134 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4135 CAMBION-571-4135 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4136 CAMBION-571-4136 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
More results

Similar Description - 571-4138

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
572-4852 CAMBION-572-4852 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4046 CAMBION-571-4046 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4137 CAMBION-571-4137 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4125 CAMBION-571-4125 Datasheet
31Kb / 1P
   Insulated solder terminal, Pin type
571-4133 CAMBION-571-4133 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4135 CAMBION-571-4135 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
571-4029 CAMBION-571-4029 Datasheet
51Kb / 1P
   Insulated solder terminal, Pin type
571-4109 CAMBION-571-4109 Datasheet
27Kb / 1P
   Insulated solder terminal, Pin type
572-4892 CAMBION-572-4892 Datasheet
31Kb / 1P
   Insulated solder terminal, Pin type
571-4043 CAMBION-571-4043 Datasheet
28Kb / 1P
   Insulated solder terminal, Pin type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com