Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF360U60D4G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGF360U60D4G
Description  Single switch NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF360U60D4G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGF360U60D4G Datasheet HTML 1Page - Microsemi Corporation APTGF360U60D4G Datasheet HTML 2Page - Microsemi Corporation APTGF360U60D4G Datasheet HTML 3Page - Microsemi Corporation APTGF360U60D4G Datasheet HTML 4Page - Microsemi Corporation APTGF360U60D4G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGF360U60D4G
www.microsemi.com
3- 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.08
RthJC
Junction to Case Thermal Resistance
Diode
0.15
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
M6
3
5
Torque Mounting torque
M4
1
2
N.m
Wt
Package Weight
350
g
D4 Package outline (dimensions in mm)


Similar Part No. - APTGF360U60D4G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF360U60D4 ADPOW-APTGF360U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
More results

Similar Description - APTGF360U60D4G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF530U120D4G MICROSEMI-APTGF530U120D4G Datasheet
204Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF660U60D4 ADPOW-APTGF660U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
APTGF500U60D4 ADPOW-APTGF500U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF660U60D4G MICROSEMI-APTGF660U60D4G Datasheet
203Kb / 5P
   Single switch NPT IGBT Power Module
APTGF400U120D4G MICROSEMI-APTGF400U120D4G Datasheet
204Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF200U60D4 ADPOW-APTGF200U60D4 Datasheet
264Kb / 5P
   Single switch NPT IGBT Power Module
APTGF360U60D4 ADPOW-APTGF360U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF500U60D4G MICROSEMI-APTGF500U60D4G Datasheet
204Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF300U60D4 ADPOW-APTGF300U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300U120DG MICROSEMI-APTGF300U120DG Datasheet
240Kb / 5P
   Single Switch with Series diodes NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com