Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF200DA120D3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF200DA120D3G
Description  Boost chopper NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF200DA120D3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF200DA120D3G Datasheet HTML 1Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 2Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 3Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 4Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGF200DA120D3G
www.microsemi.com
5- 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
0
100
200
300
400
0
0.5
1
1.5
2
2.5
3
VF (V)
ZCS
hard
switching
ZVS
0
10
20
30
40
50
60
70
0
50
100
150
200
250
IC (A)
VCE=600V
D=50%
RG=4.7 Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGF200DA120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF200A120D3G MICROSEMI-APTGF200A120D3G Datasheet
218Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF200SK120D3G MICROSEMI-APTGF200SK120D3G Datasheet
217Kb / 5P
   Buck Chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF200U120D ADPOW-APTGF200U120D Datasheet
291Kb / 6P
   Single Switch with Series diodes NPT IGBT Power Module
logo
Microsemi Corporation
APTGF200U120DG MICROSEMI-APTGF200U120DG Datasheet
267Kb / 6P
   Single Switch with Series diodes NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF200U60D4 ADPOW-APTGF200U60D4 Datasheet
264Kb / 5P
   Single switch NPT IGBT Power Module
More results

Similar Description - APTGF200DA120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90DA60T1G MICROSEMI-APTGF90DA60T1G Datasheet
318Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120T1G MICROSEMI-APTGF100DA120T1G Datasheet
281Kb / 5P
   Boost chopper NPT IGBT Power Module
APTGF50DA120TG MICROSEMI-APTGF50DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DA60D1 ADPOW-APTGF75DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
APTGF90DA60D1 ADPOW-APTGF90DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF180DA60TG MICROSEMI-APTGF180DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF165DA60D1 ADPOW-APTGF165DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF350DA60G MICROSEMI-APTGF350DA60G Datasheet
274Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF90DA60TG MICROSEMI-APTGF90DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120TG MICROSEMI-APTGF100DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF300DA120D3G MICROSEMI-APTGF300DA120D3G Datasheet
218Kb / 5P
   Boost chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com