Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46441 Datasheet(PDF) 6 Page - Rohm

Part # BD46441
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46441 Datasheet(HTML) 6 Page - Rohm

Back Button BD46441 Datasheet HTML 2Page - Rohm BD46441 Datasheet HTML 3Page - Rohm BD46441 Datasheet HTML 4Page - Rohm BD46441 Datasheet HTML 5Page - Rohm BD46441 Datasheet HTML 6Page - Rohm BD46441 Datasheet HTML 7Page - Rohm BD46441 Datasheet HTML 8Page - Rohm BD46441 Datasheet HTML 9Page - Rohm BD46441 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical Note
6/9
BD45
□□□G, BD46□□□G series
www.rohm.com
2009.05 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Circuit Applications
1) Examples of a common power supply detection reset circuit.
Application examples of BD45
□□□G series (Open Drain
output type) and BD46
□□□G series (CMOS output type)
are shown below.
CASE1: the power supply of the microcontroller (VDD2)
differs from the power supply of the reset detection
(VDD1).
Use the open drain output type (BD45
□□□G) attached a
load resistance (RL) between the output and VDD2. (As
shown Fig.18)
CASE2: the power supply of the microcontroller (VDD1) is
same as the power supply of the reset detection (VDD1).
Use CMOS output type (BD46
□□□G) or open drain output
type
(BD45
□□□G) attached a load resistance (RL)
between the output and Vdd1. (As shown Fig.19)
When a capacitance CL for noise filtering is connected to
the VOUT pin (the reset signal input terminal of the
microcontroller), please take into account the waveform of
the rise and fall of the output voltage (VOUT).
2) The following is an example of a circuit application in which an OR connection between two types of detection voltages
resets the microcontroller.
When there are many power supplies of the system, power supplies VDD1 and VDD2 are being monitored separately, and
it is necessary to reset the microcomputer, it is possible to use an OR connection on the open drain output type BD45
□□□G
series to pull-up to the desired voltage (VDD3) as shown in Fig. 20 and make the output “High” voltage matches the power
supply voltage VDD3 of the microcontroller.
VDD2
VDD1
VDD3
GND
microcontroller
RL
BD45□□□
No.1
ER
VOUT
ER
VOUT
BD45□□□
No.2
RST
VDD1
VDD2
GND
BD45□□□
Microcontroller
CL
(Noise-filtering
Capacitor)
RL
Fig.18 Open Collector Output Type
CL
(Noise-filtering
Capacitor)
VDD1
GND
BD46□□□
Microcontroller
Fig.19 CMOS Output Type
Fig.20


Similar Part No. - BD46441

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46441 ROHM-BD46441 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46441 ROHM-BD46441 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD46441G ROHM-BD46441G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD46441G ROHM-BD46441G Datasheet
218Kb / 6P
   Voltage Detector IC built in Delay Circuit
BD46441G-TR ROHM-BD46441G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD46441

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com