Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD35230HFN Datasheet(PDF) 1 Page - Rohm

Part # BD35230HFN
Description  Nch FET Ultra LDOs for Desktop PCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35230HFN Datasheet(HTML) 1 Page - Rohm

  BD35230HFN Datasheet HTML 1Page - Rohm BD35230HFN Datasheet HTML 2Page - Rohm BD35230HFN Datasheet HTML 3Page - Rohm BD35230HFN Datasheet HTML 4Page - Rohm BD35230HFN Datasheet HTML 5Page - Rohm BD35230HFN Datasheet HTML 6Page - Rohm BD35230HFN Datasheet HTML 7Page - Rohm BD35230HFN Datasheet HTML 8Page - Rohm BD35230HFN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Hi-performance Regulator IC Series for PCs
Nch FET Ultra LDOs
for Desktop PCs
BD3523HFN, BD35230HFN, BD35231HFN
Description
The BD3523HFN, BD35230HFN, BD35231HFN ultra low-dropout linear chipset regulator operates from a very low input
supply, and offers ideal performance in low input voltage to low output voltage applications. It incorporates a built-in
N-MOSFET power transistor to minimize the input-to-output voltage differential to the ON resistance (RON=150mΩ) level. By
lowering the dropout voltage in this way, the regulator realizes high current output (Iomax=2.0A) with reduced conversion
loss, and thereby obviates the switching regulator and its power transistor, choke coil, and rectifier diode. Thus, the
BD3523HFN, BD35230HFN, BD35231HFN designed to enable significant package profile downsizing and cost reduction. In
BD3523HFN, an external resistor allows the entire range of output voltage configurations between 0.65 and 2.7V, while the
NRCS (soft start) function enables a controlled output voltage ramp-up, which can be programmed to whatever power supply
sequence is required.
Features
1) Internal high-precision reference voltage circuit(0.65V±1%)
2) Internal high-precision output voltage circuit <BD35230HFN/BD35231HFN>
3) Built-in VCC undervoltage lockout circuit (VCC=3.80V)
4) NRCS (soft start) function reduces the magnitude of in-rush current
5) Internal Nch MOSFET driver offers low ON resistance (100mΩ typ)
6) Built-in short circuit protection (SCP)
7) Built-in current limit circuit (2.0A min)
8) Built-in thermal shutdown (TSD) circuit
9) Variable output (0.65~2.7V) <BD3523HFN>
10) High-power package HSON8 : 2.9mm×3.0mm×0.6mm
11) Tracking function
Applications
Notebook computers, Desktop computers, LCD-TV, DVD, Digital appliances
Line-up
Maximum Output Voltage
Package
Product name
Adjustable (0.65~2.7V)
HSON8
BD3523HFN
1.0V (fixed)
BD35230HFN
1.2V (fixed)
BD35231HFN
No.09030EBT01


Similar Part No. - BD35230HFN

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BD352-BD356 SHUNYE-BD352-BD356 Datasheet
151Kb / 2P
   BLOCK DIODES
logo
Won-Top Electronics
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
32Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
logo
Rohm
BD3520FVM ROHM-BD3520FVM Datasheet
355Kb / 5P
   silicon monolithic integrated circuit
BD3520FVM ROHM-BD3520FVM Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD35230HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com