Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD35230HFN Datasheet(PDF) 2 Page - Rohm

Part # BD35230HFN
Description  Nch FET Ultra LDOs for Desktop PCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35230HFN Datasheet(HTML) 2 Page - Rohm

  BD35230HFN Datasheet HTML 1Page - Rohm BD35230HFN Datasheet HTML 2Page - Rohm BD35230HFN Datasheet HTML 3Page - Rohm BD35230HFN Datasheet HTML 4Page - Rohm BD35230HFN Datasheet HTML 5Page - Rohm BD35230HFN Datasheet HTML 6Page - Rohm BD35230HFN Datasheet HTML 7Page - Rohm BD35230HFN Datasheet HTML 8Page - Rohm BD35230HFN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
BD3523HFN, BD35230HFN, BD35231HFN
Technical Note
2/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
BD3523HFN
BD35230HFN
BD35231HFN
Input Voltage 1
VCC
+6.0
*1
V
Input Voltage 2
VIN
+6.0
*1
V
Maximum Output Current
IO
2
*1
A
Enable Input Voltage
VEN
-0.3~+6.0
V
Power Dissipation 1
Pd1
0.63
*2
W
Power Dissipation 2
Pd2
1.35
*3
W
Power Dissipation 3
Pd3
1.75
*4
W
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
+150
*1 Should not exceed Pd.
*2 Reduced by 5.04mW/℃ for each increase in Ta≧25℃ (when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 1-layer,
copper foil area : less than 0.2%)
*3 Reduced by 10.8mW/℃ for each increase in Ta≧25℃ (when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 1-layer,
copper foil area : less than 7.0%)
*4 Reduced by 14.0mW/℃ for each increase in Ta≧25℃ (when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 1-layer,
copper foil area : less than 65.0%)
Operating Voltage(Ta=25℃)
Parameter
Symbol
BD3522EFV
BD35221EFV
BD35222EFV
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Input Voltage 1
VCC
4.3
5.5
4.3
5.5
4.3
5.5
V
Input Voltage 2
VIN
0.95
VCC-1
*5
1.3
VCC-1
*5
1.5
VCC-1
*5
V
Output Voltage Setting Range
IO
VFB
2.7
1.0 (fixed)
1.2 (fixed)
V
Enable Input Voltage
VEN
-0.3
5.5
-0.3
5.5
-0.3
5.5
V
NRCS Capacity
CNRCS
0.001
1
0.001
1
0.001
1
μ
F
*5 VCC and VIN do not have to be implemented in the order listed.
*This product is not designed for use in radioactive environments.


Similar Part No. - BD35230HFN

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BD352-BD356 SHUNYE-BD352-BD356 Datasheet
151Kb / 2P
   BLOCK DIODES
logo
Won-Top Electronics
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
32Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
logo
Rohm
BD3520FVM ROHM-BD3520FVM Datasheet
355Kb / 5P
   silicon monolithic integrated circuit
BD3520FVM ROHM-BD3520FVM Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD35230HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com