Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

558-1192 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 558-1192
Description  Variable Coil, Shielded, Vertical, .080關H thru 1.20m?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

558-1192 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  558-1192 Datasheet HTML 1Page - CAMBION Electronic Components 558-1192 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
C
C
CAMBION
AMBION
AMBION
AMBION ââââ
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright Cambionâ Tuesday, 06 November 2001
Page 1 of 2
558-1192, Variable Coil, Shielded, Vertical, .080
µH thru 1.20mΗ (533−1738 Form)


Similar Part No. - 558-1192

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-1101-001F DIALIGHT-558-1101-001F Datasheet
135Kb / 2P
   Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-1101-001F DIALIGHT-558-1101-001F Datasheet
145Kb / 2P
   558 Series Snap-in LED - .156??Mounting Hole
558-1101-003F DIALIGHT-558-1101-003F Datasheet
135Kb / 2P
   Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-1101-003F DIALIGHT-558-1101-003F Datasheet
145Kb / 2P
   558 Series Snap-in LED - .156??Mounting Hole
558-1101-007F DIALIGHT-558-1101-007F Datasheet
135Kb / 2P
   Low Current & High Efficiency Snap-in LED Panel Mount Indicators
More results

Similar Description - 558-1192

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
558-7107 CAMBION-558-7107 Datasheet
160Kb / 3P
   Variable Coil, Shielded, Vertical, .09關H thru 1.1m?
558-7106 CAMBION-558-7106 Datasheet
157Kb / 3P
   Variable Coil, Shielded, Vertical, .09關H thru 12.0m?
558-3387 CAMBION-558-3387 Datasheet
146Kb / 3P
   Variable Coil, Shielded, Vertical, 1.35關H thru 120m?
556-7105 CAMBION-556-7105 Datasheet
170Kb / 4P
   Variable Coil, Unshielded, Vertical, .090關H thru 1.05m?
556-7120 CAMBION-556-7120 Datasheet
169Kb / 3P
   Variable Coil, Unshielded, Horizontal
533-1187 CAMBION-533-1187 Datasheet
163Kb / 2P
   Coil Form, Shielded, Vertical, .192 (4,88) Winding Diameter
533-3651 CAMBION-533-3651 Datasheet
157Kb / 2P
   Coil Form, Shielded, Vertical, .210 (5,33) Winding Diameter
533-3743 CAMBION-533-3743 Datasheet
157Kb / 2P
   Coil Form, Shielded, Vertical, .190 (4,83) Winding Diameter
533-1738 CAMBION-533-1738 Datasheet
148Kb / 2P
   Coil Form, Shielded, Vertical, .136 (3,45) Winding Diameter
533-3742 CAMBION-533-3742 Datasheet
163Kb / 2P
   Coil Form, Shielded, Vertical, .190 (4,83) Winding Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com