Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

555-8810 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 555-8810
Description  Self leaded power inductor, 25/50Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

555-8810 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  555-8810 Datasheet HTML 1Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Thursday, 20 February 2003
Page 1 of 1
555-8810-20 Typical Inductance vs DC Bias @ 3 ambient temeratures
0
5
10
15
20
25
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10
Current (A)
-40 Deg C
25 Deg C
125 Deg C
555-8810 Self leaded power inductor, 25/50Watt
for Class D Amplifier applications
How to order code
555-8810-20-00-00
Basic part No
ELECTRICAL SPECIFICATIONS
DCR
(m
Ω)
Saturation Current ISAT (A)
Basic Part
Number
Inductance
@ I rated
(Typ)
I rated
(A)
(Typ)
(Max)
Inductance
@ 0 ADC
(µH ±10%)
@ -40°C
@ 25°C
@ 125°C
Heating
Current IDC
(A)
555-8810-20
20(µH)
3
74
93
20
7.5
6.5
4.5
3
Coil weight 2.3 grams
Packed 100 per Vacuum formed tray.
Operating temperatures are -40
°C to + 125°C
High Performance Class D Solution.
Designed to match Zetex ZXCD series Class D Audio Solution
www.zetex.com.
Low cost using gapped toroid.
Data is subject to change without notice.
Other brands mentioned on this datasheet may be (registered) trademarks of their respective owners.


Similar Part No. - 555-8810

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-8820 CAMBION-555-8820 Datasheet
47Kb / 1P
   Self leaded power inductor, 100 Watt
More results

Similar Description - 555-8810

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-3435 RENCO-RL-3435 Datasheet
424Kb / 3P
   TOROIDAL POWER INDUCTOR SELF-LEADED
logo
CAMBION Electronic Comp...
555-8820 CAMBION-555-8820 Datasheet
47Kb / 1P
   Self leaded power inductor, 100 Watt
logo
Datatronic Distribution...
DR339-1-471 DATATRONICS-DR339-1-471 Datasheet
80Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-4-471 DATATRONICS-DR339-4-471 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR
logo
PCA ELECTRONICS INC.
EPA3506 PCA-EPA3506 Datasheet
25Kb / 1P
   Self-Leaded SM Inductor
EPA3608 PCA-EPA3608 Datasheet
49Kb / 1P
   Self-Leaded SM Inductor
logo
Datatronic Distribution...
DR341-260 DATATRONICS-DR341-260 Datasheet
146Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR343-180 DATATRONICS-DR343-180 Datasheet
148Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR344-170 DATATRONICS-DR344-170 Datasheet
156Kb / 1P
   SELF-LEADED SMD INDUCTOR
logo
PCA ELECTRONICS INC.
EPA3627A PCA-EPA3627A Datasheet
43Kb / 1P
   Self-Leaded SM Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com