Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BD2061AFJ Datasheet(PDF) 1 Page - Rohm

Part No. BD2061AFJ
Description  1ch Large Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

 
 1 page
background image
1/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Power Management Switch IC Series for PCs and Digital Consumer Product
1ch Large Current Output
USB High Side Switch ICs
BD2061AFJ,BD2065AFJ
Description
Single channel high side switch IC for USB port is a high side switch having over current protection used in power supply line
of universal serial bus (USB). N-channel power MOSFET of low on resistance and low supply current are realized in this IC.
And, over current detection circuit, thermal shutdown circuit, under voltage lockout and soft start circuit are built in.
Features
1) Low on resistance 80mΩ Nch MOSFET Switch.
2) Continuous current load 1.0A
3) Control input logic
Active-Low : BD2061AFJ
Active-High : BD2065AFJ
4) Soft start circuit
5) Over current detection
6) Thermal shutdown
7) Under voltage lockout
8) Open drain error flag output
9) Reverse-current protection when power switch off
10) Power supply voltage range 2.7V~5.5V
11) TTL Enable input
12) 1.2ms typical rise time
13) 10μA max standby current
14) Operating temperature range -40°C~85°C
Applications
USB hub in consumer appliances, Car accessory, PC, PC peripheral equipment, and so forth
Lineup
Parameter
BD2061AFJ
BD2065AFJ
Continuous current load (A)
1.0
1.0
Output current at short (A)
1.5
1.5
Control input logic
Low
High
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply voltage
VIN
-0.3 to 6.0
V
Enable voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
°C
Power dissipation
PD
560
*1
mW
*1 In the case of exceeding Ta = 25°C, 4.48mW should be reduced per 1°C.
*
This chip is not designed to protect itself against radioactive rays.
Operating conditions
Parameter
Symbol
Limits
Unit
Operating voltage
VIN
2.7 to 5.5
V
Operating temperature
TOPR
-40 to 85
°C
Continuous output current
ILO
0 to 1.0
A
No.09029EAT06




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl