Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-LU0-IW Datasheet(PDF) 3 Page - Vicor Corporation

Part # VI-LU0-IW
Description  50 to 600W Autoranging AC-DC Switchers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-LU0-IW Datasheet(HTML) 3 Page - Vicor Corporation

  VI-LU0-IW Datasheet HTML 1Page - Vicor Corporation VI-LU0-IW Datasheet HTML 2Page - Vicor Corporation VI-LU0-IW Datasheet HTML 3Page - Vicor Corporation VI-LU0-IW Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Curves, 5V Output
Thermal Curves, 10 to 48V Output
0
75
150
225
300
375
450
525
600
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (Deg. C)
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (Deg. C)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (Deg. C)
0
75
150
225
300
375
450
525
600
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (Deg. C)
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (Deg. C)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (Deg. C)
Application Circuits
MOD DIS –
MOD DIS +
AC OK –
AC OK +
BUS OK –
BUS OK +
Internal
Supervisory
Circuits
(Optocouplers)
AC Mains
Earth Ground
L1
L2/N
GND
2-Up
and
3-Up
1-Up
VLINE
90 (180) Vac
AC Line
Interrupted
AC
Line
AC OK
BUS OK
T0 T1
T2
T3
T4
Conditions: Full Load 90 (180) Vac, AC Line
Time Interval
Min
Typ
Max
Units
Notes
T0-T1
0
0.1
1.0
ms
T2-T3
0
40
ms
Ride-through time
T2-T4
5
ms
Hold-up time
T3-T4
5
ms
AC fail warning time
Resistor Values for Trimming Standard Output Voltages
Nom. Output Voltage
5V
12V
15V
24V
28V
48V
Trim Range
R1(k
Ω)
0.953
15.8
22.1
41.2
48.7
90.9
+10%, -10%
R2(k
Ω)
909090
90
90
90
R2
+S
Trim
10K
R1
+ Vout
Vout RTN
+O
–O
–S
AC Mains Connections
Power Up and Power Down Sequencing
Output Trimming
Ambient Temperature (Deg. C)
Ambient Temperature (Deg. C)
Ambient Temperature (Deg. C)
Ambient Temperature (Deg. C)
Ambient Temperature (Deg. C)
Ambient Temperature (Deg. C)
LU Series
MU, PU Series
NU, QU, RU Series
LU Series
MU, PU Series
NU, QU, RU Series
FREE AIR
50 LFM
100 LFM
250 LFM
500 LFM
750 LFM
1000 LFM
FREE AIR
50 LFM
100 LFM
250 LFM
500 LFM
750 LFM
1000 LFM
FlatPAC 10/02
3 of 4


Similar Part No. - VI-LU0-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
VI-LUZ-EY VICOR-VI-LUZ-EY Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
More results

Similar Description - VI-LU0-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
   50 to 600 Watt Autoranging AC-DC Switchers
REV.3
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
logo
TDK Electronics
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
   AC INPUT - AUTORANGING
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
Applied Motion Products...
PS600A48 AMP-PS600A48 Datasheet
595Kb / 2P
   AC/DC Power Supply ??PFC ??600W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com