Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551-5169 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 551-5169
Description  R F Choke, moulded, axial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

551-5169 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  551-5169 Datasheet HTML 1Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Tuesday, 18 February 2003
Page 1 of 1
551-5169 R F Choke, moulded, axial, .022
µH thru .1µH.
How to order code
551-5169-XX-YY-ZZ
Basic Part No (XX = Inductance identifier, YY = tolerance, ZZ = packaging
Colour Code
Basic
Part
No.
XX
Inductance
A
B
C
Q
Min.
Test
Freq.
(MHz)
DCR
Max.
(W)
DC
Max.
(mA)
SRF
Min.
(MHz)
-01
22nH
Black
Red
Red
45
30
.0094
5400
940
-02
27nH
Black
Red
Violet
45
30
.011
5000
940
-03
39nH
Black
Orange
White
45
25
.013
4600
850
-04
56nH
Black
Green
Blue
45
25
.015
4300
730
-05
68nH
Black
Blue
Grey
45
25
.018
3900
660
-06
82nH
Black
Grey
Red
45
25
.019
3800
620
551-5169
-07
µH10
Brown
Black
Black
45
25
.021
3600
600
TOLERANCE (YY)
-02
±10%
Silver
PACKAGING (ZZ)
-00
Loose
-36
Taped
Temperature range: -55
°C to +125°C


Similar Part No. - 551-5169

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
551-5172 CAMBION-551-5172 Datasheet
30Kb / 1P
   R F Choke, moulded, axial
551-5180 CAMBION-551-5180 Datasheet
32Kb / 1P
   RF Choke, moulded, axial
More results

Similar Description - 551-5169

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
550-3640 CAMBION-550-3640 Datasheet
33Kb / 2P
   R F Choke, moulded, axial
550-3399 CAMBION-550-3399 Datasheet
37Kb / 2P
   R F Choke, moulded, axial
550-3711 CAMBION-550-3711 Datasheet
29Kb / 1P
   R F Choke, moulded, axial
550-3712 CAMBION-550-3712 Datasheet
29Kb / 1P
   R F Choke, moulded, axial
551-5172 CAMBION-551-5172 Datasheet
30Kb / 1P
   R F Choke, moulded, axial
550-2960 CAMBION-550-2960 Datasheet
32Kb / 2P
   R F Choke, moulded, axial
550-3710 CAMBION-550-3710 Datasheet
30Kb / 1P
   R F Choke, moulded, axial
551-5180 CAMBION-551-5180 Datasheet
32Kb / 1P
   RF Choke, moulded, axial
550-8399 CAMBION-550-8399 Datasheet
36Kb / 2P
   R F Choke, epoxy dipped, axial
550-8640 CAMBION-550-8640 Datasheet
37Kb / 2P
   R F Choke, epoxy dipped, axial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com