Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4739 Datasheet(PDF) 1 Page - Rohm

Part # BD4739
Description  Bipolar Voltage Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4739 Datasheet(HTML) 1 Page - Rohm

  BD4739 Datasheet HTML 1Page - Rohm BD4739 Datasheet HTML 2Page - Rohm BD4739 Datasheet HTML 3Page - Rohm BD4739 Datasheet HTML 4Page - Rohm BD4739 Datasheet HTML 5Page - Rohm BD4739 Datasheet HTML 6Page - Rohm BD4739 Datasheet HTML 7Page - Rohm BD4739 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/7
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Voltage Detector IC Series
Bipolar
Voltage Detector IC
BD47□□G series
Description
The BD47□□G Series is a reset IC that was developed to prevent system errors at transient state when the power of CPU
or logic circuit switches ON/OFF or momentary shut down. These ICs consist of three terminals (power supply, GND and
reset output) to detect power supply voltages and outputs reset signals of various systems. These ICs are ultra-compact
and are realized low current consumption, making them ideal for portable products.
Features
1) Detection voltage range: 0.1-volt step line-up 1.9~4.6V (Typ.)
2) High accuracy voltage detection: ±1%
3) Low current consumption
4) Open collector “L” reset output
5) Compact SSOP5 package
Applications
All electronic devices that use microcontrollers and logic circuits
Selection Guide
Lineup
Marking
Detection
Voltage
Part Number
Marking
Detection
Voltage
Part Number
Marking
Detection
Voltage
Part Number
B2
4.6V
BD4746
BR
3.6V
BD4736
BH
2.6V
BD4726
B1
4.5V
BD4745
BQ
3.5V
BD4735
BG
2.5V
BD4725
BZ
4.4V
BD4744
BP
3.4V
BD4734
BF
2.4V
BD4724
BY
4.3V
BD4743
B4
3.3V
BD4733
BE
2.3V
BD4723
BX
4.2V
BD4742
BN
3.2V
BD4732
BD
2.2V
BD4722
BW
4.1V
BD4741
BM
3.1V
BD4731
BC
2.1V
BD4721
BV
4.0V
BD4740
BL
3.0V
BD4730
BB
2.0V
BD4720
BU
3.9V
BD4739
BK
2.9V
BD4729
BA
1.9V
BD4719
BT
3.8V
BD4738
BJ
2.8V
BD4728
BS
3.7V
BD4737
B3
2.7V
BD4727
No.
Specifications
Description
1
Detection Voltage
Example: Voltage range over 1.9V~4.6V in
0.1V increments.
2.9V is marked as “29”
No.10006EBT05
Part Number : BD47
G
1


Similar Part No. - BD4739

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4739 ROHM-BD4739 Datasheet
175Kb / 6P
   System Reset IC
BD4739 ROHM-BD4739 Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4739 ROHM-BD4739 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4739 ROHM-BD4739 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4739 ROHM-BD4739 Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4739

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com