Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21336TNFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F21336TNFP
Description  RENESAS MCU
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21336TNFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F21336TNFP Datasheet HTML 2Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 3Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 4Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 5Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 6Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 7Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 8Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 9Page - Renesas Technology Corp R5F21336TNFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
R8C/33T Group
1. Overview
REJ03B0311-0100 Rev.1.00 Mar 16, 2010
Page 4 of 47
1.2
Product List
Table 1.3 lists Product List for R8C/33T Group. Figure 1.1 shows a Part Number, Memory Size, and Package of
R8C/33T Group.
(D): Under development
Figure 1.1
Part Number, Memory Size, and Package of R8C/33T Group
Table 1.3
Product List for R8C/33T Group
Current of Mar. 2010
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program ROM
Data flash
R5F21334TNFP
16 Kbytes
1 Kbyte × 4
1.5 Kbytes
PLQP0032GB-A N version
R5F21335TNFP
24 Kbytes
1 Kbyte × 4
2 Kbytes
PLQP0032GB-A
R5F21336TNFP
32 Kbytes
1 Kbyte × 4
2.5 Kbytes
PLQP0032GB-A
R5F21334TDFP
16 Kbytes
1 Kbyte × 4
1.5 Kbytes
PLQP0032GB-A D version
R5F21335TDFP
24 Kbytes
1 Kbyte × 4
2 Kbytes
PLQP0032GB-A
R5F21336TDFP
32 Kbytes
1 Kbyte × 4
2.5 Kbytes
PLQP0032GB-A
R5F21334TNXXXFP (D) 16 Kbytes
1 Kbyte × 4
1.5 Kbytes
PLQP0032GB-A N version
Factory-
programming
product
R5F21335TNXXXFP (D) 24 Kbytes
1 Kbyte × 4
2 Kbytes
PLQP0032GB-A
R5F21336TNXXXFP (D) 32 Kbytes
1 Kbyte × 4
2.5 Kbytes
PLQP0032GB-A
R5F21334TDXXXFP (D) 16 Kbytes
1 Kbyte × 4
1.5 Kbytes
PLQP0032GB-A D version
Factory-
programming
product
R5F21335TDXXXFP (D) 24 Kbytes
1 Kbyte × 4
2 Kbytes
PLQP0032GB-A
R5F21336TDXXXFP (D) 32 Kbytes
1 Kbyte × 4
2.5 Kbytes
PLQP0032GB-A
Part No. R 5 F 21 33 6 T N XXX FP
Package type:
FP: PLQP0032GB-A (0.8 mm pin-pitch, 7 mm square body)
ROM number
Classification
N: Operating ambient temperature
−20°C to 85°C
D: Operating ambient temperature
−40°C to 85°C
ROM capacity
4: 16 KB
5: 24 KB
6: 32 KB
R8C/33T Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21336TNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21336TNFP RENESAS-R5F21336TNFP Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21336TNFP RENESAS-R5F21336TNFP Datasheet
445Kb / 50P
   R8C/33T Group
R5F21336TNFP RENESAS-R5F21336TNFP Datasheet
445Kb / 50P
   RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
More results

Similar Description - R5F21336TNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com