Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6287F Datasheet(PDF) 9 Page - Rohm

Part # BA6287F
Description  Reversible motor drivers (1A series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6287F Datasheet(HTML) 9 Page - Rohm

Back Button BA6287F Datasheet HTML 5Page - Rohm BA6287F Datasheet HTML 6Page - Rohm BA6287F Datasheet HTML 7Page - Rohm BA6287F Datasheet HTML 8Page - Rohm BA6287F Datasheet HTML 9Page - Rohm BA6287F Datasheet HTML 10Page - Rohm BA6287F Datasheet HTML 11Page - Rohm BA6287F Datasheet HTML 12Page - Rohm BA6287F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Technical Note
9/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration
BA6285AFP-Y
Fig.31 BA6285AFP-Y
Table 4 BA6285AFP-Y
Pin
Name
Function
1
NC
NC
2
NC
NC
3
NC
NC
4
NC
NC
5
OUT2
Driver output
6
RNF
Power ground
7
GND
GND
8
GND
GND
9
OUT1
Driver output
10
NC
NC
11
NC
NC
12
NC
NC
13
NC
NC
14
NC
NC
15
NC
NC
16
VM
Power supply (driver stage)
17
VCC
Power supply (small signal)
18
FIN
Control input (forward)
19
PS
Power save enable pin
20
RIN
Control input (reverse)
21
VREF
Reference voltage setting pin
22
NC
NC
23
NC
NC
24
NC
NC
25
NC
NC
FIN
GND
GND
ZD
C2
C1
R2
R1
M
C3
VCC
17
16
5
9
18
20
CTRL
TSD
FIN
RIN
VM
VCC
OUT1
OUT2
21
VREF
6
RNF
19
POWER
SAVE
7
8
FIN
GND
GND
Fig.32 BA6285AFP-Y (HSOP25)
NC
NC
GND
NC
NC
OUT2
RNF
GND
GND
OUT1
NC
NC
NC
NC
NC
NC
GND
NC
NC
VREF
RIN
PS
FIN
VCC
VM
NC
NC


Similar Part No. - BA6287F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6287F ROHM-BA6287F Datasheet
78Kb / 6P
   Reversible motor driver
BA6287F ROHM-BA6287F Datasheet
278Kb / 5P
   Reversible Motor Driver
BA6287F ROHM-BA6287F Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F ROHM-BA6287F Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

Similar Description - BA6287F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com