Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC90H12T1G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTC90H12T1G
Description  Full - Bridge Super Junction MOSFET Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC90H12T1G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTC90H12T1G Datasheet HTML 1Page - Microsemi Corporation APTC90H12T1G Datasheet HTML 2Page - Microsemi Corporation APTC90H12T1G Datasheet HTML 3Page - Microsemi Corporation APTC90H12T1G Datasheet HTML 4Page - Microsemi Corporation APTC90H12T1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTC90H12T1G
www.microsemi.com
5 – 5
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
10
12.5
15
17.5
20
22.5
25
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=600V
D=50%
RG=7.5Ω
TJ=125°C
TC=75°C
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
5
1015
2025
3035
40
ID, Drain Current (A)
VDS=600V
RG=7.5Ω
TJ=125°C
L=100µH
ON resistance vs Temperature
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Switching Energy vs Gate Resistance
Eon
Eoff
0
1
2
3
4
5
10
152025
3035
Gate Resistance (Ohms)
VDS=600V
ID=26A
TJ=125°C
L=100µH
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTC90H12T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC90H12SCTG MICROSEMI-APTC90H12SCTG Datasheet
218Kb / 6P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC90H12T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80H15T3G MICROSEMI-APTC80H15T3G Datasheet
315Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
APTC80H15T1G MICROSEMI-APTC80H15T1G Datasheet
328Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
APTC60HM70T3G MICROSEMI-APTC60HM70T3G Datasheet
317Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H29T3 ADPOW-APTC80H29T3 Datasheet
336Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60HM24T3G MICROSEMI-APTC60HM24T3G Datasheet
236Kb / 6P
   Full bridge Super Junction MOSFET Power Module
APTC60HM45T1G MICROSEMI-APTC60HM45T1G Datasheet
321Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
APTC60HM35T3G MICROSEMI-APTC60HM35T3G Datasheet
316Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
APTC80H29T3G MICROSEMI-APTC80H29T3G Datasheet
316Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H15T3G ADPOW-APTC80H15T3G Datasheet
339Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90HM60T3G MICROSEMI-APTC90HM60T3G Datasheet
197Kb / 5P
   Full - Bridge Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com