Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC80A15T1G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTC80A15T1G
Description  Phase leg Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC80A15T1G Datasheet(HTML) 6 Page - Microsemi Corporation

  APTC80A15T1G Datasheet HTML 1Page - Microsemi Corporation APTC80A15T1G Datasheet HTML 2Page - Microsemi Corporation APTC80A15T1G Datasheet HTML 3Page - Microsemi Corporation APTC80A15T1G Datasheet HTML 4Page - Microsemi Corporation APTC80A15T1G Datasheet HTML 5Page - Microsemi Corporation APTC80A15T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTC80A15T1G
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
10
20
30
40
50
ID, Drain Current (A)
VDS=533V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
10
20
30
40
50
10
20
30
40
50
ID, Drain Current (A)
VDS=533V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
300
600
900
1200
1500
10
20
30
40
50
ID, Drain Current (A)
VDS=533V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eon
Eoff
0
500
1000
1500
2000
2500
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=533V
ID=28A
TJ=125°C
L=100µH
ZCS
ZVS
Hard
switching
0
50
100
150
200
250
300
350
400
6
8 10 12 14 16 18 20 22 24 26
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=533V
D=50%
RG=2.5Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2
0.6
1
1.4
1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTC80A15T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC80A15SCT ADPOW-APTC80A15SCT Datasheet
317Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC80A15SCTG MICROSEMI-APTC80A15SCTG Datasheet
311Kb / 7P
   Phase leg Serie & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC80A15T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC90A12T1G MICROSEMI-APTC90A12T1G Datasheet
209Kb / 5P
   Phase leg Super Junction MOSFET Power Module
APTC60AM45T1G MICROSEMI-APTC60AM45T1G Datasheet
318Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC60AM70T1G MICROSEMI-APTC60AM70T1G Datasheet
327Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC60AM24T1G MICROSEMI-APTC60AM24T1G Datasheet
318Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC90AM60T1G MICROSEMI-APTC90AM60T1G Datasheet
205Kb / 5P
   Phase leg Super Junction MOSFET Power Module
APTC60AM35T1G MICROSEMI-APTC60AM35T1G Datasheet
325Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC60TAM24TPG MICROSEMI-APTC60TAM24TPG Datasheet
269Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60TAM35P ADPOW-APTC60TAM35P Datasheet
334Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
APTC80TA15P ADPOW-APTC80TA15P Datasheet
332Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60TAM35PG MICROSEMI-APTC60TAM35PG Datasheet
308Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com