Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3259HFP Datasheet(PDF) 7 Page - Rohm

Part # BA3259HFP
Description  Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3259HFP Datasheet(HTML) 7 Page - Rohm

Back Button BA3259HFP_09 Datasheet HTML 2Page - Rohm BA3259HFP_09 Datasheet HTML 3Page - Rohm BA3259HFP_09 Datasheet HTML 4Page - Rohm BA3259HFP_09 Datasheet HTML 5Page - Rohm BA3259HFP_09 Datasheet HTML 6Page - Rohm BA3259HFP_09 Datasheet HTML 7Page - Rohm BA3259HFP_09 Datasheet HTML 8Page - Rohm BA3259HFP_09 Datasheet HTML 9Page - Rohm BA3259HFP_09 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BA3259HFP,BA30E00WHFP
Technical Note
7/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Input / Output Equivalent Circuits
BA3259HFP
BA30E00WHFP
Explanation of external components
BA3259HFP
1) Vcc (Pin 1)
It is recommended that a ceramic capacitor with a capacitance of approximately 3.3
F is placed between Vcc and GND at
a position closest to the pins as possible.
2) Vo (Pins 4 and 5)
Insert a capacitor between Vo and GND in order to prevent output oscillation. The capacitor may oscillate if the
capacitance changes as a result of temperature fluctuations. Therefore, it is recommended that a ceramic capacitor with a
temperature coefficient of X5R or above and a maximum capacitance change (resulting from temperature fluctuations) of
±10% be used. The capacitance should be between 1
F and 1,000F. (Refer to Fig. 28.)
BA33E00HFP
1) Vcc1 (Pin 3) and Vcc2 (Pin 2)
Insert capacitors with a capacitance of 1
F between Vcc1 and GND and Vcc2 and GND. The capacitance value will vary
depending on the application. Be sure to implement designs with sufficient margins.
2) Vo1 (Pin 5) and Vo2 (Pin 6)
Insert a capacitor between Vo and GND in order to prevent oscillation. The capacitance of the capacitor may greatly vary
with temperature changes, making it impossible to completely prevent oscillation. Therefore, use a tantalum aluminum
electrolytic capacitor with a low ESR (Equivalent Serial Resistance) that ensures good performance characteristics at low
temperatures. The output oscillates if the ESR is too high or too low. Refer to the ESR characteristics in Fig. 29 and
operate the IC within the stable operating region. If there is a sudden load change, use a capacitor with a higher
capacitance . A capacitance between 47
F and 1,000F is recommended.
Fig.30 BA3259HFP I/O Equivalent Circuits
Fig.31 BA30E00WHFP I/O Equivalent Circuit
Vcc
Vo1
Vcc
Vo2
ADJ
Vcc1
Vcc2
Vo2
Vcc1
Vo1
ADJ


Similar Part No. - BA3259HFP_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3259HFP-TR ROHM-BA3259HFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
More results

Similar Description - BA3259HFP_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com