Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3121F Datasheet(PDF) 1 Page - Rohm

Part # BA3121F
Description  Ground Isolation Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3121F Datasheet(HTML) 1 Page - Rohm

  BA3121F_09 Datasheet HTML 1Page - Rohm BA3121F_09 Datasheet HTML 2Page - Rohm BA3121F_09 Datasheet HTML 3Page - Rohm BA3121F_09 Datasheet HTML 4Page - Rohm BA3121F_09 Datasheet HTML 5Page - Rohm BA3121F_09 Datasheet HTML 6Page - Rohm BA3121F_09 Datasheet HTML 7Page - Rohm BA3121F_09 Datasheet HTML 8Page - Rohm BA3121F_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.08 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Audio Accessory IC Series
Ground Isolation
Amplifier
BA3121F, BA3123F
●Description
The BA3121F/BA3123F are ground isolation amplifiers developed for use in car audio applications.
This IC efficiently eliminate problems caused by wiring resistance, and remove noise generated by the electrical devices
used in automobiles. The capacitance values of the external capacitors required for the ICs are small to allow compact
and reliable set design.
●Features
1) Large capacitors not required
2) High common-mode rejection ratio (57dB typ. at f = 1kHz).
3) Low noise (VNO = 3.5
μVrms Typ.).
4) Low distortion (THD = 0.002% Typ.).
5) Two channels.
●Applications
Car audio systems
●Line up matrix
BA3121F
BA3123F
Operation temperature
-30~+85
C
-40~+85
C
●Absolute maximum ratings (Ta = 25
C)
Parameter
Symbol
Limits
Unit
Power supply voltage
Vcc
18
V
Power dissipation
Pd
450*
mW
Operation
temperature
BA3121F
Topr
-30~+85
BA3123F
-40~+85
Storage temperature
Tstg
-55~+125
*Reduced by 4.5mW in Ta of 1
C over 25C.
●Recommended operating conditions (Ta = 25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
Vcc
4
12
18
V
No.09092EAT01


Similar Part No. - BA3121F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
More results

Similar Description - BA3121F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
logo
New Japan Radio
NJM2794 NJRC-NJM2794 Datasheet
177Kb / 11P
   Ground Noise Isolation Amplifier
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
   Ground isolation amplifier circuit
logo
NXP Semiconductors
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
logo
List of Unclassifed Man...
NJM2794RB2-TE1 ETC2-NJM2794RB2-TE1 Datasheet
210Kb / 11P
   Ground Noise Isolation Amplifier
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
   Ground isolation amplifier for car audio systems
logo
New Japan Radio
NJM2795 NJRC-NJM2795 Datasheet
129Kb / 6P
   Ground noise isolation Amplifier with Adjustable Differential Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com