Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3121F Datasheet(PDF) 6 Page - Rohm

Part # BA3121F
Description  Ground Isolation Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3121F Datasheet(HTML) 6 Page - Rohm

  BA3121F_09 Datasheet HTML 1Page - Rohm BA3121F_09 Datasheet HTML 2Page - Rohm BA3121F_09 Datasheet HTML 3Page - Rohm BA3121F_09 Datasheet HTML 4Page - Rohm BA3121F_09 Datasheet HTML 5Page - Rohm BA3121F_09 Datasheet HTML 6Page - Rohm BA3121F_09 Datasheet HTML 7Page - Rohm BA3121F_09 Datasheet HTML 8Page - Rohm BA3121F_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technical Note
6/8
BA3121F, BA3123F
www.rohm.com
2009.08 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Circuit operation
Fig.14 Flow of noise in car audio systems
Car audio systems are earthed to the car body, and for
this reason, electrical noise generated by the car electrics
can enter the power amplifier input via the chassis,
and become audible.
The BA3121F/BA3123F makes use of the common-mode
rejection characteristics of an operational amplifier to eliminate
this noise. Without the BA3121F/BA3123F noise enters
the power amplifier input directly, when used, the CMMR of
operational amplifiers 1-A and 2-A eliminates the noise.
Principles of noise elimination:
To obtain the output voltage (eO)
Fig.15 The principle of noise rejection
With the BA3121F/BA3123F, the elimination level of
the noise is expressed
as: CMMR = 20log (e0/eI)(eI = e1 = e2)
Therefore, CMRR ≧ 41dB can be guaranteed.
From ① and ②
Ideally, if R1R4 = R2R3, and e1 = e2, the noise voltage will
become zero. However, due to mismatching between the
resistors, difference in the noise voltages (e1 and e2), and
tolerances in the operational amplifier, a noise voltage
does result.


Similar Part No. - BA3121F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
More results

Similar Description - BA3121F_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
logo
New Japan Radio
NJM2794 NJRC-NJM2794 Datasheet
177Kb / 11P
   Ground Noise Isolation Amplifier
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
   Ground isolation amplifier circuit
logo
NXP Semiconductors
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
logo
List of Unclassifed Man...
NJM2794RB2-TE1 ETC2-NJM2794RB2-TE1 Datasheet
210Kb / 11P
   Ground Noise Isolation Amplifier
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
   Ground isolation amplifier for car audio systems
logo
New Japan Radio
NJM2795 NJRC-NJM2795 Datasheet
129Kb / 6P
   Ground noise isolation Amplifier with Adjustable Differential Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com