Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3019 Datasheet(PDF) 2 Page - Rohm

Part # 2SK3019
Description  2.5V Drive Nch MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3019 Datasheet(HTML) 2 Page - Rohm

  2SK3019_2 Datasheet HTML 1Page - Rohm 2SK3019_2 Datasheet HTML 2Page - Rohm 2SK3019_2 Datasheet HTML 3Page - Rohm 2SK3019_2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3019
Transistor
Rev.C
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
V(BR)DSS
IDSS
VGS(th)
RDS(on)
RDS(on)
Ciss
|Yfs|
Coss
Crss
Min.
30
0.8
20
5
13
9
4
±1
1.0
1.5
8
713
µAVGS=±20V, VDS=0V
ID
=10µA, VGS=0V
VDS
=30V, VGS=0V
VDS
=3V, ID=100µA
ID
=10mA, VGS=4V
ID
=1mA, VGS=2.5V
VDS
=5V
ID
=10mA, VDS=3V
VGS
=0V
f
=1MHz
V
µA
V
pF
ms
pF
pF
td(on)
15
ID
=10mA, VDD 5V
ns
tr
35
VGS
=5V
ns
td(off)
80
RL
=500Ω
ns
tf
80
RG
=10Ω
ns
Typ.
Max.
Unit
Conditions
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Static drain-source on-state
resistance
Electrical characteristic curves
0
1
23
45
0
0.05
0.1
0.15
DRAIN-SOURCE VOLTAGE : VDS (V)
3V
3.5V
2.5V
VGS
=1.5V
4V
2V
Fig.1 Typical output characteristics
Ta
=25°C
Pulsed
04
0.1m
100m
GATE-SOURCE VOLTAGE : VGS (V)
1
10m
3
2
1m
0.2m
0.5m
2m
5m
50m
20m
200m
Ta
=125°C
75
°C
25
°C
−25°C
VDS
=3V
Pulsed
Fig.2 Typical transfer characteristics
−50
0
0
1
1.5
2
CHANNEL TEMPERATURE : Tch (
°C)
0.5
−25
25
50
75
100
125
150
VDS
=3V
ID
=0.1mA
Pulsed
Fig.3 Gate threshold voltage vs.
channel temperature
0.001
1
2
50
DRAIN CURRENT : ID (A)
0.5
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
5
10
20
Ta
=125°C
75
°C
25
°C
−25°C
VGS
=4V
Pulsed
Fig.4 Static drain-source on-state
resistance vs. drain current (
Ι)
0.001
1
2
50
0.5
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
5
10
20
VGS
=2.5V
Pulsed
DRAIN CURRENT : ID (A)
Ta
=125°C
75
°C
25
°C
−25°C
Fig.5 Static drain-source on-state
resistance vs. drain current (
ΙΙ)
0
5
10
15
20
0
5
10
15
GATE-SOURCE VOLTAGE : VGS (V)
ID
=0.1A
Ta
=25°C
Pulsed
ID
=0.05A
Fig.6 Static drain-source
on-state resistance vs.
gate-source voltage


Similar Part No. - 2SK3019_2

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2SK3019-SOT523 YFWDIODE-2SK3019-SOT523 Datasheet
1Mb / 3P
   N-channel MOSFET
logo
Micro Commercial Compon...
2SK3019A MCC-2SK3019A Datasheet
486Kb / 4P
   N-Channel Plastic-Encapsulate Transistor
logo
Nanjing International G...
2SK3019A DGNJDZ-2SK3019A Datasheet
2Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Cystech Electonics Corp...
2SK3019C3 CYSTEKEC-2SK3019C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
logo
Rohm
2SK3019EB ROHM-2SK3019EB Datasheet
959Kb / 6P
   2.5V Drive Nch MOSFET
More results

Similar Description - 2SK3019_2

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
EM6K1 ROHM-EM6K1_1 Datasheet
75Kb / 4P
   2.5V Drive NchNch MOS FET
US6K1 ROHM-US6K1 Datasheet
58Kb / 3P
   2.5V Drive NchNch MOS FET
UM5K1NTR ROHM-UM5K1NTR Datasheet
72Kb / 4P
   2.5V Drive NchNch MOS FET
UM6K1NTN ROHM-UM6K1NTN Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
RTQ020N03 ROHM-RTQ020N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOS FET
2SK3019TL ROHM-2SK3019TL Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com