Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24180YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # bq24180YFFT
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24180YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button bq24180YFFT Datasheet HTML 5Page - Texas Instruments bq24180YFFT Datasheet HTML 6Page - Texas Instruments bq24180YFFT Datasheet HTML 7Page - Texas Instruments bq24180YFFT Datasheet HTML 8Page - Texas Instruments bq24180YFFT Datasheet HTML 9Page - Texas Instruments bq24180YFFT Datasheet HTML 10Page - Texas Instruments bq24180YFFT Datasheet HTML 11Page - Texas Instruments bq24180YFFT Datasheet HTML 12Page - Texas Instruments bq24180YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
VBUS
VBUS
GND
HOST
bq24180
SW
PSEL
SCL
C1
1 µF
C2
10 µF
C3
4.7 µF
R3
4 kW
SYSTEM
PMID
SDA
D+
D-
USBPHY
BOOT
PGND
CSIN
CSOUT
VAUX
POWERFOR
ACCESSORY
C4
10 nF
C6
1 µF
C5
0.1 µF
RSNS
68 mW
R1
10kW
R2
VBUS
TS
TEMP
PACK+
PACK-
DRV
C7
1 µF
VBUS
R4
C8
1µF
CD
HardwareDisable
10kW
10kW
bq24180
www.ti.com
SLUSA02 A – FEBRUARY 2010 – REVISED FEBRUARY 2010
TYPICAL APPLICATION CIRCUITS
VBUS = 5V, IIN_LIMIT = 500mA, ICHARGE = 1A, VBAT = 3.5--4.44V (Adjustable), Safety Timer = 27 minute default w/
12 seconds watchdog
Figure 2. I2C Controlled 1-Cell USB Charger Application Circuit
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24180


Similar Part No. - bq24180YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24180YFFT TI-BQ24180YFFT Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results

Similar Description - bq24180YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24180 TI-BQ24180_1 Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com