Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24600 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24600
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24600 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24600 Datasheet HTML 5Page - Texas Instruments BQ24600 Datasheet HTML 6Page - Texas Instruments BQ24600 Datasheet HTML 7Page - Texas Instruments BQ24600 Datasheet HTML 8Page - Texas Instruments BQ24600 Datasheet HTML 9Page - Texas Instruments BQ24600 Datasheet HTML 10Page - Texas Instruments BQ24600 Datasheet HTML 11Page - Texas Instruments BQ24600 Datasheet HTML 12Page - Texas Instruments BQ24600 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
VCC
BTST
HIDRV
PH
REGN
LODRV
GND
TS
bq24600
CE
VFB
SRP
6VLDO
COMP
ERROR
AMPLIFIER
20 A
1V
2.1 V
IBAT_ REG
SRN
STATE
MACHINE
LOGIC
BATTERY
DETECTION
LOGIC
VCC
PH
4.2V
+
_
BTST
REFRESH
CE
145degC
ICTj
TSHUT
SRN+100mV
VCC
SLEEP
LEVEL
SHIFTER
+
-
+
-
+
-
V(SRP-SRN)
CHG_OCP
160% XIBAT_REG
SYNCH
SRP-SRN
ISET
IBAT_ REG
ISET
ISET
10
5mV
20X
BAT
BAT_OVP
104% XVBAT_REG
LTF
+
-
HTF
VREF
TCO
+
-
+
-
SUSPEND
VCC
ACOV
+
-
VACOV
ENA_BIAS
VREF
STAT
STAT
3.3V
LDO
VFB
LOWV
+
-
RCHRG
+
-
1.55V
+
-
2.05 V
VFB
LOWV
RCHRG
TERM
TERM
TERMINATECHARGE
+
-
bq24600
+
-
+
-
UVLO
VUVLO
VCC
PWM
CONTROL
LOGIC
PWM
+
-
+
-
+
-
+
-
CHARGE
20uA
DISCHARGE
CHARGE
8mA
BAT_OVP
INTERNAL
REFERENCE
VREF
ISET
10
PG
SafetyTimer
FAULT
FAULT
2mA
1 M
DISCHARGE
PG
CE
20xV(SRP-SRN)
20xV(SRP-SRN)
bq24600
www.ti.com
SLUS891 – FEBRUARY 2010
BLOCK DIAGRAM
Figure 11. Functional Block Diagram for bq24600
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24600


Similar Part No. - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAR TI-BQ24600RVAR Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAT TI-BQ24600RVAT Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com