Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24600 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24600
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24600 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24600 Datasheet HTML 2Page - Texas Instruments BQ24600 Datasheet HTML 3Page - Texas Instruments BQ24600 Datasheet HTML 4Page - Texas Instruments BQ24600 Datasheet HTML 5Page - Texas Instruments BQ24600 Datasheet HTML 6Page - Texas Instruments BQ24600 Datasheet HTML 7Page - Texas Instruments BQ24600 Datasheet HTML 8Page - Texas Instruments BQ24600 Datasheet HTML 9Page - Texas Instruments BQ24600 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
bq24600
SLUS891 – FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
5.0V
≤ V(VCC) ≤ 28V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REGN REGULATOR
VREGN_REG
REGN regulator voltage
VVCC > 10 V, CE = HIGH (0 - 40 mA load)
5.7
6.0
6.3
V
IREGN_LIM
REGN current limit
VREGN = 0 V, VVCC > VUVLO
40
mA
SAFETY TIMER
TPRECHG
Precharge safety timer range(1)
Precharge time before fault occurs
1440
1800
2160
s
TCHARGE
Internal five hour safety timer(1)
4.25
5
5.75
hr
BATTERY DETECTION
tWAKE
Wake timer
Max time charge is enabled
500
ms
IWAKE
Wake current
RSENSE = 10 mΩ
50
125
200
mA
tDISCHARGE
Discharge timer
Max time discharge current is applied
1
sec
IDISCHARGE
Discharge current
8
mA
IFAULT
Fault current after a timeout fault
2
mA
VWAKE
Wake threshold ( w.r.t. VREG)
Voltage on VFB to detect battery absent during wake
50
mV
VDISCH
Discharge threshold
Voltage on VFB to detect battery absent during discharge
1.55
V
PWM HIGH SIDE DRIVER (HIDRV)
High side driver (HSD) turn-on
RDS_HI_ON
VBTST – VPH = 5.5 V
3.3
6
resistance
RDS_HI_OFF
High side driver turn-off resistance
VBTST – VPH = 5.5 V
1
1.3
Bootstrap refresh comparator threshold
VBTST_REFRESH
VBTST – VPH when low side refresh pulse is requested
4.0
4.2
V
voltage
PWM LOW SIDE DRIVER (LODRV)
RDS_LO_ON
Low side driver (LSD) turn-on resistance
4.1
7
RDS_LO_OFF
Low side driver turn-off resistance
1
1.4
PWM DRIVERS TIMING
Dead time when switching between LSD and HSD, no
Driver dead time
30
ns
load at LSD and HSD
PWM OSCILLATOR
VRAMP_HEIGHT
PWM ramp height
As percentage of VCC
7%
PWM switching frequency(1)
1020
1200
1380
kHz
INTERNAL SOFT START (8 steps to regulation current ICHARGE)
Soft Start Steps
8
step
Soft Start Step Time
1.6
ms
CHARGER SECTION POWER-UP SEQUENCING
Delay from when CE = 1 to when the charger is allowed to
Charge-enable delay after power-up
1.5
s
turn on
LOGIC IO PIN CHARACTERISTICS (CE, STAT, PG)
VIN_LO
CE input low threshold voltage
0.8
V
VIN_HI
CE input high threshold voltage
2.1
VBIAS_CE
CE input bias current
V = 3.3V (CE has internal 1M
Ω pulldown resistor)
6
mA
VOUT_LO
STAT, PG output low saturation voltage
Sink current = 5 mA
0.5
V
IOUT_HI
Leakage current
V = 32 V
1.2
µA
(1)
Verified by design.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24600


Similar Part No. - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAR TI-BQ24600RVAR Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAT TI-BQ24600RVAT Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com