Electronic Components Datasheet Search |
|
bq20z75-V180 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
bq20z75-V180 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 48 page ADS5400 www.ti.com SLAS611B – OCT 2009 – REVISED MARCH 2010 ELECTRICAL CHARACTERISTICS (continued) Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input, and 1.5 VPP differential clock (unless otherwise noted) PARAMETER TEST CONDITIONS/NOTES MIN TYP MAX UNIT fIN = 125 MHz 65 80 fIN = 600 MHz 63 72 Worst harmonic/spur (other than HD2 fIN = 850 MHz 60 72 dBc and HD3) fIN = 1200 MHz 66 fIN = 1700 MHz 64 fIN = 125 MHz 63 71.7 fIN = 600 MHz 62 67 THD Total Harmonic Distortion fIN = 850 MHz 59 66.5 dBc fIN = 1200 MHz 65.1 fIN = 1700 MHz 55.7 fIN = 125 MHz 56 58.5 fIN = 600 MHz 55 58.2 SINAD Signal-to-noise and distortion fIN = 850 MHz 54 57.8 dBFS fIN = 1200 MHz 57.5 fIN = 1700 MHz 54.2 fIN1 = 247.5 MHz, fIN2 = 252.5 MHz, 74.6 each tone at –7 dBFS fIN1 = 247.5 MHz, fIN2 = 252.5 MHz, 80.4 each tone at –11 dBFS Two-tone SFDR dBFS fIN1 = 1197.5 MHz, fIN2 = 1202.5 MHz, 70 each tone at –7 dBFS fIN1 = 1197.5 MHz, fIN2 = 1202.5 MHz, 78.3 each tone at –11 dBFS fIN = 125 MHz 9 9.42 Effective number of bits (using ENOB fIN = 600 MHz 8.84 9.37 Bits SINAD in dBFS) fIN = 850 MHz 8.67 9.3 1.41 LSB rms RMS idle-channel noise Inputs tied to common-mode 60.2 dBFS SWITCHING CHARACTERISTICS Typical values at TA = 25°C, Min and Max values over full temperature range TMIN = –40°C to TMAX = 85°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock (unless otherwise noted) PARAMETER TEST CONDITIONS/NOTES MIN TYP MAX UNIT LVDS DIGITAL OUTPUTS (DATA, OVR/SYNCOUT, CLKOUT) VOD Differential output voltage (±) 247 350 454 mV Terminated 100 Ω differential VOC Common mode output voltage 1.125 1.25 1.375 V LVDS DIGITAL INPUTS (RESET) VID Differential input voltage (±) 175 350 mV Each input pin VIC Common mode input voltage 0.1 1.25 2.4 V RIN Input resistance 85 100 115 Ω CIN Input capacitance Each pin to ground 0.6 pF Copyright © 2009–2010, Texas Instruments Incorporated 5 Product Folder Link(s): ADS5400 |
Similar Part No. - bq20z75-V180 |
|
Similar Description - bq20z75-V180 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |