Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17014ETM+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17014ETM+
Description  Low-Cost Multiple-Output Power Supply for LCD TVs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17014ETM+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17014ETM+ Datasheet HTML 1Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Low-Cost Multiple-Output
Power Supply for LCD TVs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = VIN2 = 12V, AVDD = VOVIN = VSUP = 15V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless oth-
erwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VIN, IN2, OVIN, SUP, EN1, EN2, FSEL to GND ......-0.3V to +22V
GND1, OGND, CPGND to GND .........................................±0.3V
MODE, DLP, CTL, THR, DEL1, DEL2, VL to GND ...-0.3V to +7.5V
REF, FBP, FBN, FB1, FB2, COMP,
OUT to GND ...........................................-0.3V to (VVL + 0.3V)
SWI, SWO to GND ..................................................-0.3V to +22V
LX1 to GND1 ..........................................................-0.3V to +22V
SWI to SWO ............................................................-0.3V to +22V
SWI to SUI .............................................................-0.3V to +7.5V
POS1, NEG1, OUT1, POS2, NEG2,
OUT2 to OGND ...................................-0.3V to (VOVIN + 0.3V)
DRVN, DRVP to CPGND ...........................-0.3V to (VSUP + 0.3V)
LX2 to CPGND ...........................................-0.3V to (VIN2 + 0.3V)
BST to VL................................................................-0.3V to +22V
SRC to GND ...........................................................-0.3V to +48V
GON, DRN to GND ...................................-0.3V to (VSRC + 0.3V)
GON to DRN...........................................................-0.3V to +48V
POS_ to NEG_ RMS Current ...................................5mA (Note 1)
REF Short Circuit to GND ...........................................Continuous
RMS LX1 Current (total for both pins) ...................................3.2A
RMS GND1 Current (total for both pins) ...............................3.2A
RMS IN2 Current (total for both pins)....................................3.2A
RMS LX2 Current (total for both pins) ...................................3.2A
RMS CPGND Current............................................................0.8A
RMS SWI Current ..................................................................2.4A
RMS SWO Current ................................................................2.4A
RMS DRVN, DRVP Current ...................................................0.8A
RMS VL Current ..................................................................50mA
Continuous Power Dissipation (TA = +70°C)
48-Pin Thin QFN
(derate 38.5mW/°C above +70°C) .........................3076.9mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+160°C
Storage Temperature Range .............................-65°C to +165°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
VIN, IN2 Input Voltage Range
8.0
16.5
V
VIN + IN2 Quiescent Current
Only LX2 switching (VFB1 = VFBP = 1.5V, VFBN = 0);
EN1 = EN2 = VL, VFSEL= 0
8
mA
VIN + IN2 Standby Current
LX2 not switching (VFB1 = VFB2 = VFBP = 1.5V,
VFBN = 0); EN1 = EN2 = VL, VFSEL= 0
2
mA
VIN + IN2 Shutdown Current
EN1 = EN2 = GND (shutdown)
300
μA
SUP + OVIN Shutdown Current
EN1 = EN2 = GND (shutdown)
10
μA
FSEL = VIN
1020
1200
1380
SMPS Operating Frequency
FSEL = GND
510
600
690
kHz
Phase Difference Between Step-
Down/Positive and Step-Up/Negative
Regulators
180
Degrees
VIN Undervoltage Lockout Threshold
VIN rising edge, 100mV typical hysteresis
5.75
6.50
7.25
V
VL REGULATOR
VL Output Voltage
IVL = 25mA, VFB1 = VFB2 = VFBP = 1.1V, VFBN =
0.4V (all regulators switching)
4.9
5.0
5.1
V
VL Undervoltage Lockout Threshold
VL rising edge, 100mV typical hysteresis
3.5
3.9
4.3
V
Note 1: See Figure 6 for the op amp clamp structures.


Similar Part No. - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014ETM++ MAXIM-MAX17014ETM+ Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
More results

Similar Description - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
   6-CH Bias Power Supply for LCD TVs
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com