Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16822BASA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16822BASA+
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16822BASA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16822BASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX16822BASA+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
8
_______________________________________________________________________________________
Freewheeling-Diode Selection
For stability and best efficiency, a low forward-voltage
drop diode with fast reverse-recovery time and low
capacitance is recommended. A Schottky diode is a
good choice as long as its breakdown voltage is high
enough to withstand the maximum operating voltage.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
losses and stable operation. Use a multilayer board
whenever possible for better noise immunity. Minimize
ground noise by connecting high-current ground
returns, the input bypass-capacitor ground lead, and
the output-filter ground lead to a single point (star
ground configuration). In normal operation, there are two
power loops. One is formed when the internal MOSFET
is on and the high current flows through IN, RSENSE,
LED load, the inductor, the internal MOSFET, and GND.
The other loop is formed when the internal MOSFET is
off and the high-current circulates through RSENSE, LED
load, the inductor, and the freewheeling diode. Minimize
each loop area to reduce noise interaction.
Place RSENSE as close as possible to CS and IN. For
better noise immunity, a Kelvin connection between CS
and RSENSE is strongly recommended.
fSW
t
t
t2
ΔI
t1
AVG. LED
CURRENT
HYSTERETIC
MODE
ILED
VDIM
Figure 2. Current-Regulator Operation


Similar Part No. - MAX16822BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822BASA++ MAXIM-MAX16822BASA+ Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822BASA++ MAXIM-MAX16822BASA+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results

Similar Description - MAX16822BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A_V01 Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com