Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16814UUP+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16814UUP+
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814UUP+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16814UUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 9Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 10Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 11Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 12Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 13Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 14Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Integrated, 4-Channel, High-Brightness LED
Driver with High-Voltage DC-DC Controller
______________________________________________________________________________________ 11
Figure 2. Circuit Used for Typical Operating Characteristics
OUT2
OUT1
IN
NDRV
CS
OVP
PGND
LEDGND
OUT3
OUT4
VDRV
VCC
SETI
FLT
RSDT
RT
L1
22FH
L2
10FH
VIN
C5
47FF
C1
1FF
C3
1FF
C6
10FF
SGND
MAX16814
M1
IRF7468
D1
B160B-1
D2
7 HBLEDS
PER STRING
C8
1nF
C2
1FF
C7
33FF
R1
261kI
R2
24kI
Q
10%
R7
22I
RSETI
15kI
RCS
0.1I
RCOMP
24kI
RT
21kI
R6
50kI
R3
30.1kI
R4
20kI
VCC
R5
4.7I
C4
0.1FF
RCOMP
14kI
CCOMP
0.022FF
DIM
COMP
EN


Similar Part No. - MAX16814UUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814UUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com