Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT150DL60B2G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT150DL60B2G
Description  Ultrasoft Recovery Rectifi er Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT150DL60B2G Datasheet(HTML) 2 Page - Microsemi Corporation

  APT150DL60B2G Datasheet HTML 1Page - Microsemi Corporation APT150DL60B2G Datasheet HTML 2Page - Microsemi Corporation APT150DL60B2G Datasheet HTML 3Page - Microsemi Corporation APT150DL60B2G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT150DL60B2(G)
DYNAMIC CHARACTERISTICS
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
THERMAL AND MECHANICAL CHARACTERISTICS
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
t
rr
Reverse Recovery Time
I
F = 1A, diF/dt = -100A/μs, VR = 30V, TJ = 25°C
51
ns
t
rr
Reverse Recovery Time
I
F = 150A, diF/dt = -200A/μs
V
R = 400V, TC = 25°C
408
Q
rr
Reverse Recovery Charge
2387
nC
I
RRM
Maximum Reverse Recovery Current
13
Amps
t
rr
Reverse Recovery Time
I
F = 150A, diF/dt = -200A/μs
V
R = 400V, TC = 125°C
639
ns
Q
rr
Reverse Recovery Charge
7253
nC
I
RRM
Maximum Reverse Recovery Current
21
Amps
t
rr
Reverse Recovery Time
I
F = 150A, diF/dt = -1000A/
μs V
R = 400V, TC = 125°C
299
ns
Q
rr
Reverse Recovery Charge
12075
nC
I
RRM
Maximum Reverse Recovery Current
68
Amps
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
R
θJC
Junction-to-Case Thermal Resistance
0.26
°C/W
W
T
Package Weight
0.22
oz
5.9
g
Torque
Maximum Mounting Torque
10
lb·in
1.1
N·m
0
0.05
0.10
0.15
0.20
0.25
0.30
10-5
10-4
10-3
10-2
10
1.0
-1
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
0.099
0.160
0.0160
0.380
1 Continuous current limited by package lead temperature.


Similar Part No. - APT150DL60B2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT150GN120J ADPOW-APT150GN120J Datasheet
418Kb / 6P
   IGBT
logo
Microsemi Corporation
APT150GN120J MICROSEMI-APT150GN120J Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT150GN120J MICROSEMI-APT150GN120J Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT150GN120J MICROSEMI-APT150GN120J Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT150GN120JDQ4 MICROSEMI-APT150GN120JDQ4 Datasheet
201Kb / 9P
   Thunderbolt IGBT
More results

Similar Description - APT150DL60B2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT50DL60BCT MICROSEMI-APT50DL60BCT Datasheet
136Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT100DL60B MICROSEMI-APT100DL60B Datasheet
136Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT50DL60B MICROSEMI-APT50DL60B Datasheet
140Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT2X101DL40J MICROSEMI-APT2X101DL40J Datasheet
135Kb / 4P
   Ultrafast Soft Recovery Dual Rectifi er Diode
APT2X151DL60J MICROSEMI-APT2X151DL60J Datasheet
140Kb / 4P
   Ultrafast Soft Recovery Dual Rectifi er Diode
logo
IXYS Corporation
DS75 IXYS-DS75 Datasheet
75Kb / 2P
   Rectifi er Diode Avalanche Diode
DS2 IXYS-DS2 Datasheet
72Kb / 2P
   Rectifi er Diode Avalanche Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com