Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16807AUI+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16807AUI+
Description  Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16807AUI+ Datasheet HTML 4Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 5Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 6Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 7Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 8Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 9Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 10Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 11Page - Maxim Integrated Products MAX16807AUI+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Integrated 8-Channel LED Driver with
Switch-Mode Boost and SEPIC Controller
8
_______________________________________________________________________________________
TIMING RESISTANCE
vs. OSCILLATOR FREQUENCY
FREQUENCY (Hz)
1M
100k
1
10
100
1000
0.1
10k
10M
CT = 1nF
CT = 560pF
CT = 220pF
CT = 100pF
CT = 10nF
CT = 4.7nF
CT = 3.3nF
CT = 2.2nF
OUT IMPEDANCE vs. TEMPERATURE
(RDS_ON PMOS DRIVER)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
2.0
-40
125
ISOURCE = 100mA
0
2
1
5
4
3
6
7
9
8
10
OUT IMPEDANCE vs. TEMPERATURE
(RDS_ON NMOS DRIVER)
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
ISINK = 200mA
0
20
10
50
40
30
60
70
90
80
100
PROPAGATION DELAY FROM CURRENT-LIMIT
COMPARATOR TO OUT vs. TEMPERATURE
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
ERROR-AMPLIFIER OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
MAX16807 toc14
FREQUENCY (Hz)
1M
100k
1k
10k
10 100
1
0
20
40
60
80
100
120
140
-20
0.01
100M
10M
-165
-140
-115
-90
-65
-40
-15
10
-190
PHASE
GAIN
1.5
1.6
2.2
1.8
1.7
1.9
2.0
2.1
2.3
-40
-10 5
20
-25
35 50
95
80
110
65
125
COMP VOLTAGE LEVEL TO TURN
OFF DEVICE vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 15V
2.0
3.0
2.5
4.0
3.5
5.0
4.5
5.5
6.5
6.0
7.0
20
220 320 420
120
520 620 720
920
820
1020
SUPPLY CURRENT
vs. OSCILLATOR FREQUENCY
FREQUENCY (kHz)
TA = +125
°C
CT = 100pF
TA = -40
°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(INTERFACE IDLE, ALL OUTPUTS OFF, RSET = 720
Ω)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
1.85
1.90
1.95
2.00
1.80
3.0
5.5
TA = +125
°C
TA = +85
°C
TA = -40
°C
TA = +25
°C
Typical Operating Characteristics (continued)
(VCC = +15V, V+ = 3V to 5.5V, RT = 10kΩ, CT = 3.3nF, VREF = COMP = open, CREF = 0.1µF, VFB = 2V, VCS = VAGND = VPGND = 0V.
Typical values are at TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16807AUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16807AUI++ MAXIM-MAX16807AUI+ Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
More results

Similar Description - MAX16807AUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16808 MAXIM-MAX16808 Datasheet
240Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16809 MAXIM-MAX16809_07 Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com