Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11046ECB+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11046ECB+
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046ECB+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11046ECB+ Datasheet HTML 1Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 2Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11046ECB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
5
INTEGRAL NONLINEARITY vs. CODE
OUTPUT CODE (DECIMAL)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
VAVDD = 5.25V
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
DIFFERENTIAL NONLINEARITY vs. CODE
OUTPUT CODE (DECIMAL)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
VAVDD = 5.25V
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
INL AND DNL
vs. ANALOG SUPPLY VOLTAGE
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
MAX INL
MAX DNL
MIN DNL
MIN INL
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
Typical Operating Characteristics
(AVDD = 5V, DVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
ANALOG SUPPLY CURRENT
vs. SUPPLY VOLTAGE
30
35
40
45
25
5.15
5.05
4.95
4.85
4.75
5.25
VAVDD (V)
MAX11046 CONVERTING
TA = +25°C
fSAMPLE = 250ksps
MAX11046 STATIC
MAX11045 STATIC
MAX11044 CONVERTING
MAX11045 CONVERTING
MAX11044 STATIC
2
4
6
8
10
12
0
DIGITAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VDVDD (V)
4.75
4.25
3.75
3.25
2.75
5.25
TA = +25°C
fSAMPLE = 250ksps
MAX11046 CONVERTING
MAX11045 CONVERTING
MAX11044 CONVERTING
MAX11044/MAX11045/
MAX11046 STATIC
60
35
10
-15
-40
85
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
TEMPERATURE (°C)
INL AND DNL
vs. TEMPERATURE
MAX INL
MIN DNL
MAX DNL
MIN INL
VAVDD = 5.25V
VDVDD = 3.3V
fSAMPLE = 250ksps
VRDC = 4.096V
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
30
35
40
45
25
TEMPERATURE (°C)
MAX11046 CONVERTING
MAX11045 CONVERTING
MAX11044 CONVERTING
VAVDD = 5.0V
fSAMPLE = 250ksps
MAX11046 STATIC
MAX11045 STATIC
MAX11044 STATIC
60
35
10
-15
-40
85


Similar Part No. - MAX11046ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11046ECB++ MAXIM-MAX11046ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11046ECB++ MAXIM-MAX11046ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11046ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com