Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9952DCCB+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9952DCCB+T
Description  Dual Per-Pin Parametric Measurement Units
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9952DCCB+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9952DCCB+T Datasheet HTML 1Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 2Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 3Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 4Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 5Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 6Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 7Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 8Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Dual Per-Pin Parametric
Measurement Units
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +12V, VEE = -7V, VL = +3.3V, TA = +25°C, unless otherwise noted. Specifications at TA = TMIN and TA = TMAX are guaranteed
by design and characterization. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to AGND .......................................................................+20V
VEE to AGND.........................................................................-15V
VCC to VEE ...........................................................................+32V
VL to AGND............................................................................+6V
AGND to DGND.....................................................-0.5V to +0.5V
Digital Inputs/Outputs ..................................-0.3V to (VL + 0.3V)
All Other Pins to AGND ....................(VEE - 0.3V) to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
MAX9951_CCB (derate 125mW/°C above +70°C) ...10,000mW
MAX9952_CCB (derate 43.5mW/°C above +70°C) .....3478mW
θJA MAX9951_CCB (Note 1) ...........................................+8°C/W
θJC MAX9951_CCB (Note 1) ...........................................+2°C/W
θJA MAX9952_CCB (Note 1) .........................................+23°C/W
θJC MAX9952_CCB (Note 1) ...........................................+2°C/W
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Operating Temperature Range (commercial) ........0°C to +70°C
Lead Temperature (soldering 10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FORCE VOLTAGE
Force Input Voltage
Range
VIN0_,
VIN1_
VEE + 2.5
VCC - 2.5
V
VCC = +12V, VEE = -7V
-2
+7
DUT current at full scale
VCC = +18V, VEE = -12V
-7
+13
Forced Voltage
VDUT
DUT current = 0
VEE + 2.5
VCC - 2.5
V
Input Bias Current
±1
µA
Forced-Voltage Offset
VFOS
-25
+25
mV
Forced-Voltage-Offset
Temperature Coefficient
±100
µV/°C
Forced-Voltage Gain
Error
VFGE
Nominal gain of +1
-1
0.005
+1
%
Forced-Voltage-Gain
Temperature Coefficient
±10
ppm/°C
Forced-Voltage Linearity
Error
VFLER
Gain and offset errors calibrated out (Notes 3, 4)
-0.02
+0.02
%FSR
MEASURE CURRENT
Measure-Current Offset
IMOS
(Note 3)
-1
+1
%FSR
Measure-Current-Offset
Temperature Coefficient
±20
ppm/°C
Measure-Current Gain
Error
IMGE
(Note 5)
-1
+1
%
Measure-Current-Gain
Temperature Coefficient
±20
ppm/°C
Linearity Error
IMLER
Gain and offset errors calibrated out
(Notes 3, 4, 6)
-0.02
+0.02
%FSR
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.


Similar Part No. - MAX9952DCCB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9952DCCB+T MAXIM-MAX9952DCCB+T Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
More results

Similar Description - MAX9952DCCB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com