Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9951FCCB-TD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9951FCCB-TD
Description  Dual Per-Pin Parametric Measurement Units
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9951FCCB-TD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9951FCCB-TD Datasheet HTML 7Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 8Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 9Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 10Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 11Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 12Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 13Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 14Page - Maxim Integrated Products MAX9951FCCB-TD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Dual Per-Pin Parametric
Measurement Units
______________________________________________________________________________________
11
Pin Description (continued)
PIN
MAX9951 MAX9952
NAME
FUNCTION
55
58
MSRB
PMU-B Measurement Output. Provides a voltage equal to the SENSE voltage in FIMV mode,
and provides a voltage proportional to the DUT current in FVMI mode for PMU-B. Force
HI-ZB
low to place MSRB in a high-impedance state.
56
57
AGND
Analog Ground
57
56
IOS
Offset-Voltage Input. Sets an offset voltage for the internal current-sense amplifiers of both
channels.
58
55
MSRA
PMU-A Measurement Output. Provides a voltage equal to the SENSE voltage in FIMV mode,
and provides a voltage proportional to the DUT current in FVMI mode for PMU-A. Force
HI-ZA
low to place MSRA in a high-impedance state.
59
54
IN1A
Force-Threshold Voltage Input for PMU-A. Sets the forced voltage in FV mode or the forced
current in FI mode.
60
53
IN0A
Force-Threshold Current Input for PMU-A. Sets the forced voltage in FV mode or the forced
current in FI mode.
61
52
CLLOA
PMU-A Lower-Clamp Voltage Input. Sets the lower-clamp voltage level.
62
51
CLHIA
PMU-A Upper-Clamp Voltage Input. Sets the upper-clamp voltage level.
63
50
THMINA
PMU-A Window Comparator Lower Threshold Voltage Input. Sets the lower voltage threshold for
the PMU-A window comparator.
64
49
THMAXA
PMU-A Window Comparator Upper Threshold Voltage Input. Sets the upper voltage threshold
for the PMU-A window comparator.
——
EP
Exposed Pad. Internally biased to VEE. Connect to a large ground plane or heatsink to
maximize thermal performance. Not intended as an electrical connection point.


Similar Part No. - MAX9951FCCB-TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951FCCB-TD MAXIM-MAX9951FCCB-TD Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
More results

Similar Description - MAX9951FCCB-TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com