Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9951DCCB-D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9951DCCB-D
Description  Dual Per-Pin Parametric Measurement Units
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9951DCCB-D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9951DCCB-D Datasheet HTML 1Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 2Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 3Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 4Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 5Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 6Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 7Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 8Page - Maxim Integrated Products MAX9951DCCB-D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Dual Per-Pin Parametric
Measurement Units
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MEASURE VOLTAGE
Measure-Voltage-Offset
VMOS
-25
+25
mV
Measure-Voltage-Offset
Temperature Coefficient
±100
µV/°C
Gain Error
VMGER
Nominal gain of +1
-1
±0.005
+1
%
Measure-Voltage-Gain
Temperature Coefficient
±10
ppm/°C
Measure-Voltage
Linearity Error
VMLER
Gain and offset errors calibrated out
(Notes 3, 4, 6)
-0.02
+0.02
%FSR
VCC = +12V, VEE = -7V
-2
+7
DUT current at full scale
VCC = +18V, VEE = -12V
-7
+13
Measure-Output-Voltage
Range Over Full DUT
Voltage
VMSR
DUT current = 0
VEE + 2.5
VCC - 2.5
V
FORCE OUTPUT
Off-State Leakage
Current
-1
+1
nA
ILIM-
-92
-65
Short-Circuit Current
Limit
ILIM+
+65
+92
mA
Force-to-Sense Resistor
RFS
D option only
8
10
12
k
Ω
SENSE INPUT
Input Voltage Range
VEE + 2.5
VCC - 2.5
V
Leakage Current
F option only
-1
+1
nA
COMPARATOR INPUTS
Input Voltage Range
VEE + 2.5
VCC - 2.5
V
Offset Voltage
-25
+25
mV
Input Bias Current
±1
µA
VOLTAGE CLAMPS
Input Control Voltage
VCLLO_,
VCLHI_
VEE + 2.4
VCC - 2.4
V
Clamp Voltage
Accuracy
(Note 8)
-100
+100
mV
DIGITAL INPUTS
VL = 5V
+3.5
VL = 3.3V
+2.0
Input High Voltage
(Note 9)
VIH
VL = 2.5V
+1.7
V
VL = 5V or 3.3V
+0.8
Input Low Voltage
(Note 9)
VIL
VL = 2.5V
+0.7
V
Input Current
IIN
±1
µA
Input Capacitance
CIN
3.0
pF
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V, VEE = -7V, VL = +3.3V, TA = +25°C, unless otherwise noted. Specifications at TA = TMIN and TA = TMAX are guaranteed
by design and characterization. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)


Similar Part No. - MAX9951DCCB-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951DCCB-D MAXIM-MAX9951DCCB-D Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
More results

Similar Description - MAX9951DCCB-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com