Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9526ATV+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9526ATV+
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526ATV+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9526ATV+ Datasheet HTML 1Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 2Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 3Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 4Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 5Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 6Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 7Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 8Page - Maxim Integrated Products MAX9526ATV+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = +1.8V, VDVDDIO = +3.3V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .......................................................-0.3V to +2V
DVDD to DGND ........................................................-0.3V to +2V
DVDDIO to DGND .................................................-0.3V to +3.6V
AGND to DGND.....................................................-0.1V to +0.1V
D9–D0, LLC to DGND .........................-0.3V to (DVDDIO + 0.3V)
VIN1, VIN2, VREF to AGND .......................-0.3V to (AVDD + 0.3V)
XTAL/OSC, XTAL2 to AGND ....................................-0.3V to +2V
IRQ, SDA, SCL, DEVADR to DGND ......................-0.3V to +3.6V
Continuous Current In/Out All Pins ...................................±50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin QSOP Single-Layer Board
(derate 10.8mW/°C above +70°C) .............................860mW
28-Pin QSOP Multilayer Board
(derate 12.6mW°C above +70°C) ............................1009mW
32-Pin TQFN Multilayer Board
(derate 20.8mW/°C above +70°C) ...........................1663mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLIES
Analog Supply Voltage Range
AVDD
1.7
1.8
1.9
V
Digital Supply Voltage Range
DVDD
1.7
1.8
1.9
V
Digital I/O Supply Voltage Range
DVDDIO
1.7
3.3
3.45
V
Normal operation
42
55
Sleep mode
2.2
3
mA
Analog Supply Current
(Note 2)
IAVDD
Shutdown
0.5
100
µA
Normal operation
70
110
mA
Sleep mode
5
1000
Digital Supply Current
(Note 2)
IDVDD
Shutdown
5
1000
µA
Normal operation, VDVDDIO = 1.8V
3.5
Normal operation, VDVDDIO = 3.3V
6.4
mA
Sleep mode, VDVDDIO = 3.3V
0.8
10
Digital I/O Supply Current
(Note 2)
IDVDDIO
Shutdown, VDVDDIO = 3.3V
0.8
10
µA
VIDEO INPUTS, VREF, AND CLAMP
Input Voltage Range
Guaranteed by full-scale conversion range
0.27
0.5
0.83
VP-P
Input Resistance
RIN
2M
Ω
Input Capacitance
CIN
8pF
Video Input Reference Voltage
(VREF)
VREF
850
mV
Sync-Tip Clamp Level
VCLMP2
Activity detect clamp
550
mV
Input Clamping Current
Activity detect clamp,
VVIN = VCLMP2 + 150mV
2.0
µA


Similar Part No. - MAX9526ATV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9526ATJ++ MAXIM-MAX9526ATJ+ Datasheet
351Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 1; 7/09
MAX9526ATJ++ MAXIM-MAX9526ATJ+ Datasheet
775Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
MAX9526ATJ/V++ MAXIM-MAX9526ATJ/V+ Datasheet
775Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
More results

Similar Description - MAX9526ATV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9526 MAXIM-MAX9526 Datasheet
351Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 1; 7/09
MAX9526 MAXIM-MAX9526_V01 Datasheet
775Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com