Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9634TERS+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9634TERS+
Description  1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634TERS+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9634TERS+ Datasheet HTML 1Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 2Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 3Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 4Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 5Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 6Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 7Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 8Page - Maxim Integrated Products MAX9634TERS+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: VOUT = 0. ICC is the total current into RS+ plus RS- pins.
Note 3: VOS is extrapolated from measurements for the gain-error test.
Note 4: Gain error is calculated by applying two values of VSENSE and calculating the error of the slope vs. the ideal:
Gain = 25, VSENSE is 20mV and 120mV.
Gain = 50, VSENSE is 10mV and 60mV.
Gain = 100, VSENSE is 5mV and 30mV.
Gain = 200, VSENSE is 2.5mV and 15mV.
Note 5: The device is stable for any external capacitance value.
Note 6: VOH is the voltage from VRS- to VOUT with VSENSE = 3.6V/gain.
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = VRS- = 3.6V, VSENSE = (VRS+ - VRS-) = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUT High Voltage
VOH
VOH = VRS- - VOUT (Note 6)
0.1
0.2
V
VSENSE = 50mV, gain = 25
125
VSENSE = 50mV, gain = 50
60
VSENSE = 50mV, gain = 100
30
Small-Signal Bandwidth
(Note 5)
BW
VSENSE = 50mV, gain = 200
15
kHz
Output Settling Time
tS
1% final value, VSENSE = 50mV
100
µs
Power-Up Time
tON
1% final value, VSENSE = 50mV
200
µs
Typical Operating Characteristics
(VRS+ = VRS- = 3.6V, TA = +25°C, unless otherwise noted.)
0
10
5
20
15
25
30
-0.4 -0.3 -0.2 -0.1
0
0.2
0.3
0.1
0.4
INPUT OFFSET VOLTAGE HISTOGRAM
INPUT OFFSET VOLTAGE (mV)
0
10
5
20
15
25
30
-0.4 -0.3 -0.2 -0.1
0
0.2
0.3
0.1
0.4
GAIN ERROR HISTOGRAM
GAIN ERROR (%)
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
10
-15
35
60
0.4
0.2
0.6
0.8
1.0
1.2
1.4
28V
3.6V
1.8V
0
-40
85


Similar Part No. - MAX9634TERS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9634TERS++ MAXIM-MAX9634TERS+ Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
More results

Similar Description - MAX9634TERS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
   Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com