Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9634 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9634
Description  1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9634 Datasheet HTML 2Page - Maxim Integrated Products MAX9634 Datasheet HTML 3Page - Maxim Integrated Products MAX9634 Datasheet HTML 4Page - Maxim Integrated Products MAX9634 Datasheet HTML 5Page - Maxim Integrated Products MAX9634 Datasheet HTML 6Page - Maxim Integrated Products MAX9634 Datasheet HTML 7Page - Maxim Integrated Products MAX9634 Datasheet HTML 8Page - Maxim Integrated Products MAX9634 Datasheet HTML 9Page - Maxim Integrated Products MAX9634 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
6
_______________________________________________________________________________________
Detailed Description
The MAX9634 unidirectional high-side, current-sense
amplifier features a 1.6V to 28V input common-mode
range. This feature allows the monitoring of current out
of a battery with a voltage as low as 1.6V. The
MAX9634 monitors current through a current-sense
resistor and amplifies the voltage across that resistor.
The MAX9634 is a unidirectional current-sense amplifier
that has a well-established history. An op amp is used
to force the current through an internal gain resistor at
RS+, which has a value of R1, such that its voltage drop
equals the voltage drop across an external sense resis-
tor, RSENSE. There is an internal resistor at RS- with the
same value as R1 to minimize offset voltage. The cur-
rent through R1 is sourced by a high-voltage p-channel
FET. Its source current is the same as its drain current,
which flows through a second gain resistor, ROUT. This
produces an output voltage, VOUT, whose magnitude is
ILOAD x RSENSE x ROUT/R1. The gain accuracy is
based on the matching of the two gain resistors R1 and
ROUT (see Table 1). Total gain = 25V/V for the
MAX9634T, 50V/V for the MAX9634F, 100V/V for the
MAX9634H, and 200V/V for the MAX9634W. The output
is protected from input overdrive by use of an output
current-limiting circuit of 7mA (typical) and a 6V clamp
protection circuit.
Applications Information
Choosing the Sense Resistor
Choose RSENSE based on the following criteria:
Voltage Loss
A high RSENSE value causes the power-source voltage
to drop due to IR loss. For minimal voltage loss, use the
lowest RSENSE value.
GAIN
(V/V)
R1
(
Ω)
ROUT
(k
Ω)
200
100
20
100
100
10
50
200
10
25
400
10
Table 1. Internal Gain-Setting Resistors
(Typical Values)
Typical Operating Circuit
VBATT = 1.6V TO 28V
RSENSE
R1
ILOAD
ROUT
R1
GND
OUT
P
MAX9634
RS+
RS-
ADC
LOAD
µC
VDD = 3.3V
10k


Similar Part No. - MAX9634

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
MAX9634 SILABS-MAX9634 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
logo
Maxim Integrated Produc...
MAX9634 MAXIM-MAX9634 Datasheet
580Kb / 7P
   MAXNANOPWRBD# Evaluation Kit
319-100409; Rev 3; 12/19
MAX9634EVKIT MAXIM-MAX9634EVKIT Datasheet
1Mb / 4P
   Proven PCB Layout
Rev 0; 3/10
MAX9634EVKIT++ MAXIM-MAX9634EVKIT+ Datasheet
1Mb / 4P
   Proven PCB Layout
Rev 0; 3/10
MAX9634FERS++ MAXIM-MAX9634FERS+ Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
More results

Similar Description - MAX9634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
   Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com