Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9634 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9634
Description  1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9634 Datasheet HTML 3Page - Maxim Integrated Products MAX9634 Datasheet HTML 4Page - Maxim Integrated Products MAX9634 Datasheet HTML 5Page - Maxim Integrated Products MAX9634 Datasheet HTML 6Page - Maxim Integrated Products MAX9634 Datasheet HTML 7Page - Maxim Integrated Products MAX9634 Datasheet HTML 8Page - Maxim Integrated Products MAX9634 Datasheet HTML 9Page - Maxim Integrated Products MAX9634 Datasheet HTML 10Page - Maxim Integrated Products MAX9634 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2010 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
10/09
Initial release
1
2/10
Corrected gain error limits in Electrical Characteristics table
2


Similar Part No. - MAX9634

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
MAX9634 SILABS-MAX9634 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
logo
Maxim Integrated Produc...
MAX9634 MAXIM-MAX9634 Datasheet
580Kb / 7P
   MAXNANOPWRBD# Evaluation Kit
319-100409; Rev 3; 12/19
MAX9634EVKIT MAXIM-MAX9634EVKIT Datasheet
1Mb / 4P
   Proven PCB Layout
Rev 0; 3/10
MAX9634EVKIT++ MAXIM-MAX9634EVKIT+ Datasheet
1Mb / 4P
   Proven PCB Layout
Rev 0; 3/10
MAX9634FERS++ MAXIM-MAX9634FERS+ Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
More results

Similar Description - MAX9634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
   Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com