Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9526AEI+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9526AEI+
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526AEI+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9526AEI+ Datasheet HTML 4Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 5Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 6Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 7Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 8Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 9Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 10Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 11Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
8
_______________________________________________________________________________________
DECODED VIDEO OUTPUT
100% COLOR BARS (Cb WAVEFORM)
TIME (
μs)
40
20
200
400
600
800
1000
0
060
DECODED VIDEO OUTPUT
100% COLOR BARS (Cr WAVEFORM)
TIME (
μs)
40
20
200
400
600
800
1000
0
060
OUTPUT CLOCK JITTER
vs. PLL BANDWIDTH
PLL BANDWIDTH (Hz)
1500
1000
500
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0
2000
OUTPUT CLOCK JITTER
vs. VIDEO INPUT LEVEL
VIDEO INPUT LEVEL (V)
0.6
0.5
0.3
0.4
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.6
0.2
0.7
PLLBW = 180Hz
OUTPUT CLOCK JITTER
vs. VIDEO INPUT SNR
TEMPERATURE (
°C)
50
40
30
20
0.5
1.0
1.5
2.0
2.5
3.0
0
10
60
ASYNC
MODE
LLC
MODE
PLLBW = 180Hz
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
120
80
40
0
1
10
100
1000
0.1
-40
DVDDIO
AVDD
DVDD
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-90
0.01
10
AVDD = 1.8V + 100mVP-P
AGCGAIN = 1111
AGCGAIN = 0000
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = +1.8V, VDVDDIO = 3.3V, VAGND = VDGND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
VIDEO INPUT AND ADC OUTPUT
100% COLOR BARS
MAX9526 toc16
TIME (
μs)
60
50
10
20
30
40
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.5
200
400
600
800
1000
0
070


Similar Part No. - MAX9526AEI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9526AEI++ MAXIM-MAX9526AEI+ Datasheet
351Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 1; 7/09
MAX9526AEI++ MAXIM-MAX9526AEI+ Datasheet
775Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
More results

Similar Description - MAX9526AEI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9526 MAXIM-MAX9526 Datasheet
351Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 1; 7/09
MAX9526 MAXIM-MAX9526_V01 Datasheet
775Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com