Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8934BETI+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8934BETI+
Description  Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8934BETI+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8934BETI+ Datasheet HTML 2Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Dual-Input Linear Chargers, Smart Power Selector
with Advanced Battery Temperature Monitoring
6 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDC = VPEN1 = VPEN2 = 5V, CEN = USUS = THMEN = GND, VBATT = 4V, VTHM = 1.65V, USB, THMSW, CHG, DONE, OT, DOK,
UOK, FLT are unconnected, CCT = 0.068FF, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Prequal Time
From CEN falling to end of prequal charge, VBATT = 2.5V
30
min
Maximum Fast-Charge Time
From CEN falling to FLT falling
300
min
Maximum Top-Off Time
MAX8934A/MAX8934C/MAX8934E
15
s
MAX8934B/MAX8934D
60
min
Timer Accuracy
-20
+20
%
Timer Extend Threshold
Percentage of fast-charge current below where the timer
clock operates at half-speed
50
%
Timer Suspend Threshold
Percentage of fast-charge current below where timer
clock pauses
20
%
THERMISTOR MONITOR (Beta = 3477) (Note 2)
THM Cold No-Charge Threshold
(T1)
ICHG = 0A, when charging is suspended, 2NC hysteresis
-2.2
0
+2.4
N
C
73.9
74.4
75.1
% of
THMSW
THM Cold Threshold (T2)
ICHG reduced (safety region 1 only), VBATT_REG
reduced (safety region 2 only), 2NC hysteresis
8
10
12
N
C
64.5
65
65.5
% of
THMSW
THM Hot Threshold (T3)
VBATT_REG reduced (safety region 1), 2.5NC hysteresis
42.8
45
47.5
N
C
32.1
32.4
32.8
% of
THMSW
THM Hot No-Charge Threshold
(T4)
ICHG = 0mA, when charging is suspended, 3NC
hysteresis
57
60
63.5
N
C
22.4
22.7
23
% of
THMSW
THM Hot Overtemperature
Threshold (TOT)
OT asserts low, 5NC hysteresis
71
75
80
N
C
15.5
15.8
16
% of
THMSW
THERMISTOR MONITOR (Beta = 3964) (Note 3)
THM Cold No-Charge Threshold
(T1)
ICHG = 0A, when charging is suspended, 2NC hysteresis
-2.1
0
+2.4
N
C
76.4
77.2
77.9
% of
THMSW
THM Cold Threshold (T2)
ICHG reduced (safety region 1 only), VBATT_REG
reduced (safety region 2), 2NC hysteresis
8.2
10
12
N
C
66.2
67
67.6
% of
THMSW


Similar Part No. - MAX8934BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934A MAXIM-MAX8934A Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AETI++ MAXIM-MAX8934AETI+ Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AEVKIT MAXIM-MAX8934AEVKIT Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934AEVKIT++ MAXIM-MAX8934AEVKIT+ Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
More results

Similar Description - MAX8934BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
   USB Detection with Smart Power Selector Li Chargers
2017
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
MAX8900A MAXIM-MAX8900A_11 Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com