Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8934BETI+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8934BETI+
Description  Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8934BETI+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8934BETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 10Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 11Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Dual-Input Linear Chargers, Smart Power Selector
with Advanced Battery Temperature Monitoring
8 ______________________________________________________________________________________
Typical Operating Characteristics
(MAX8934A, TA = +25NC, circuit of Figure 2, VDC = 6V, VBATT = 3.6V, thermistor Beta = 3964, unless otherwise noted. Negative bat-
tery current indicates charging.)
USB OPERATING SUPPLY CURRENT
vs. USB VOLTAGE (CHARGER ENABLED)
200
400
600
800
1000
1200
0
USB VOLTAGE (V)
7
6
4
5
2
3
1
0
8
VBATT = 4.2V,
VUSUS = 0V
CHARGER IN
DONE MODE
ISYS = 0A
VUSB RISING
VUSB FALLING
ENTERING OVLO
USB OPERATING SUPPLY CURRENT
vs. USB VOLTAGE (CHARGER DISABLED)
USB VOLTAGE (V)
7
6
4
5
2
3
1
100
200
300
400
500
600
700
800
900
0
0
8
VBATT = 4.2V,
VUSUS = 0V
CEN = 1
ISYS = 0A
PEN1 = X, PEN2 = 1
VUSB RISING
VUSB FALLING
ENTERING OVLO
USB SUSPEND CURRENT
vs. USB VOLTAGE
USB VOLTAGE (V)
7
6
5
4
3
2
1
50
100
150
200
250
0
0
8
VBATT = 4.2V,
USUS = 1
BATTERY INPUT CURRENT
vs. BATTERY VOLTAGE
(USB DISCONNECTED)
BATTERY VOLTAGE (V)
4
3
2
1
2
4
6
8
10
12
14
0
0
5
THMEN = 1
THMEN = 0
CHARGE CURRENT vs.
BATTERY VOLTAGE (500mA USB)
BATTERY VOLTAGE (V)
4
3
2
1
50
100
150
200
250
300
350
400
450
500
0
0
5
VUSB = 5V
PEN1 = X, PEN2 = 1
VBATT RISING
VBATT FALLING
CHARGE CURRENT vs.
BATTERY VOLTAGE (1A DC)
BATTERY VOLTAGE (V)
4
3
2
1
200
400
600
800
1000
1200
0
0
5
VDC = 5V
PEN1 = 1, PEN2 = X
VBATT RISING
VBATT FALLING
BATTERY INPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
4.0
-40
85
VBATT = 4V, THMEN = 0, ILDO = 0
USB AND DC UNCONNECTED
CHARGE CURRENT vs.
BATTERY VOLTAGE (100mA USB)
BATTERY VOLTAGE (V)
4
3
2
1
10
20
30
40
50
60
70
80
90
100
0
0
5
VUSB = 5V
PEN1 = X, PEN2 = 0
VBATT RISING
VBATT FALLING


Similar Part No. - MAX8934BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934A MAXIM-MAX8934A Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AETI++ MAXIM-MAX8934AETI+ Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AEVKIT MAXIM-MAX8934AEVKIT Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934AEVKIT++ MAXIM-MAX8934AEVKIT+ Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
More results

Similar Description - MAX8934BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
   USB Detection with Smart Power Selector Li Chargers
2017
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
MAX8900A MAXIM-MAX8900A_11 Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com